Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

136RVI Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 136RVI
Description  Aluminum Electrolytic Capacitors Radial Very Low Impedance
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

136RVI Datasheet(HTML) 4 Page - Vishay Siliconix

  136RVI Datasheet HTML 1Page - Vishay Siliconix 136RVI Datasheet HTML 2Page - Vishay Siliconix 136RVI Datasheet HTML 3Page - Vishay Siliconix 136RVI Datasheet HTML 4Page - Vishay Siliconix 136RVI Datasheet HTML 5Page - Vishay Siliconix 136RVI Datasheet HTML 6Page - Vishay Siliconix 136RVI Datasheet HTML 7Page - Vishay Siliconix 136RVI Datasheet HTML 8Page - Vishay Siliconix 136RVI Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
136 RVI
www.vishay.com
Vishay BCcomponents
Revision: 16-Mar-2021
4
Document Number: 28321
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Unless otherwise specified, all electrical values in Table 2 apply
at Tamb = 20 °C, P = 86 kPa to 106 kPa, RH = 45 % to 75 %
ORDERING EXAMPLE
Electrolytic capacitor 136 series
1000 μF / 25 V; ± 20 %
Nominal case size: Ø 12.5 mm x 25 mm; form TFA
Ordering code: MAL2 136 36102 E3
Former 12NC:
2222 136 36102
Table 2
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
Rated capacitance at 100 Hz, tolerance ± 20 %
IR
Rated RMS ripple current at 100 kHz, 105 °C
IL2
Max. leakage current after 2 min at UR
tan
δ
Max. dissipation factor at 100 Hz
Z
Max. impedance at 100 kHz
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(μF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 kHz
105 °C
(mA)
IL2
2 min
(μA)
tan
δ
100 Hz
Z
100 kHz
+20 °C
(m
Ω)
Z
100 kHz
-10 °C
(m
Ω)
FREQ.
CODE (1)
ORDERING CODE
MAL2136.......
BULK PACKAGING
TAPED
FORM CA
FORM CB
FORM TFA
10
390
10 x 12
630
39
0.19
120
240
MF1
54391E3
64391E3
34391E3
470
10 x 12
630
47
0.19
120
240
MF1
54471E3
64471E3
34471E3
680
10 x 16
830
68
0.19
84
170
MF1
54681E3
64681E3
34681E3
1000
10 x 20
1000
100
0.19
62
130
MF1
54102E3
64102E3
34102E3
1500
12.5 x 20
1300
150
0.19
46
92
MF1
54152E3
64152E3
34152E3
1800
12.5 x 20
1340
180
0.19
46
92
MF1
54182E3
64182E3
34182E3
2200
12.5 x 25
1700
220
0.21
34
68
MF1
54222E3
64222E3
34222E3
3300
16 x 20
1600
330
0.23
38
76
MF2
54332E3
64332E3
34332E3
3900
16 x 25
2100
390
0.23
28
56
MF2
54392E3
64392E3
34392E3
4700
16 x 31
2400
470
0.25
25
50
MF2
54472E3
64472E3
34472E3
5600
16 x 31
2400
560
0.27
25
50
MF2
54562E3
64562E3
34562E3
5600
18 x 25
2270
560
0.27
25
50
MF2
94565E3
94566E3
-
6800
16 x 35
2600
680
0.29
22
44
MF2
54682E3
64682E3
-
6800
18 x 31
2760
680
0.29
23
46
MF2
94685E3
94686E3
-
10 000
18 x 35
3180
1000
0.31
21
42
MF2
54103E3
64103E3
-
16
270
10 x 12
630
43
0.16
120
240
MF3
55271E3
65271E3
35271E3
330
10 x 12
630
53
0.16
120
240
MF3
55331E3
65331E3
35331E3
470
10 x 16
830
75
0.16
84
170
MF3
55471E3
65471E3
35471E3
680
10 x 20
1000
110
0.16
62
130
MF3
55681E3
65681E3
35681E3
1000
12.5 x 20
1300
160
0.16
48
96
MF3
55102E3
65102E3
35102E3
1200
12.5 x 20
1300
190
0.16
46
92
MF3
55122E3
65122E3
35122E3
1500
12.5 x 25
1700
240
0.16
34
68
MF3
55152E3
65152E3
35152E3
2200
16 x 20
1600
350
0.18
38
76
MF4
55222E3
65222E3
35222E3
2700
16 x 25
2100
430
0.18
28
56
MF4
55272E3
65272E3
35272E3
3300
16 x 25
2100
530
0.20
28
56
MF4
55332E3
65332E3
35332E3
3900
16 x 31
2400
620
0.20
25
50
MF4
55392E3
65392E3
35392E3
4700
16 x 35
2600
750
0.22
22
44
MF4
55472E3
65472E3
-
4700
18 x 31
2560
750
0.22
23
46
MF4
95475E3
95476E3
-
6800
18 x 35
3000
1090
0.24
21
42
MF4
55682E3
65682E3
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com