Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF032BEUI-104I/SM Datasheet(PDF) 9 Page - Microchip Technology

Part # SST26VF032BEUI-104I/SM
Description  32 Mbit Serial Quad I/O (SQI) Flash Memory with EUI-48™ and EUI-64™ Identifier
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF032BEUI-104I/SM Datasheet(HTML) 9 Page - Microchip Technology

Back Button SST26VF032BEUI-104I/SM Datasheet HTML 5Page - Microchip Technology SST26VF032BEUI-104I/SM Datasheet HTML 6Page - Microchip Technology SST26VF032BEUI-104I/SM Datasheet HTML 7Page - Microchip Technology SST26VF032BEUI-104I/SM Datasheet HTML 8Page - Microchip Technology SST26VF032BEUI-104I/SM Datasheet HTML 9Page - Microchip Technology SST26VF032BEUI-104I/SM Datasheet HTML 10Page - Microchip Technology SST26VF032BEUI-104I/SM Datasheet HTML 11Page - Microchip Technology SST26VF032BEUI-104I/SM Datasheet HTML 12Page - Microchip Technology SST26VF032BEUI-104I/SM Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 76 page
background image
 2019 Microchip Technology Inc.
DS20006152A-page 9
SST26VF032BEUI
4.5
Status Register
The Status register is a read-only register that provides
the following status information: whether the flash
memory array is available for any Read or Write oper-
ation, if the device is write-enabled, whether an erase
or program operation is suspended, and if the Block-
Protection register and/or Security ID are locked down.
During an internal Erase or Program operation, the Sta-
tus register may be read to determine the completion of
an operation in progress. Table 4-2 describes the func-
tion of each bit in the Status register.
TABLE 4-2:
STATUS REGISTER
Bit
Name
Function
Default at
Power-up
Read/Write (R/
W)
0
BUSY
Write operation status
1 = Internal Write operation is in progress
0 = No internal Write operation is in progress
0R
1
WEL
Write-Enable Latch status
1 = Device is write-enabled
0 = Device is not write-enabled
0R
2
WSE
Write Suspend-Erase status
1 = Erase suspended
0 = Erase is not suspended
0R
3
WSP
Write Suspend-Program status
1 = Program suspended
0 = Program is not suspended
0R
4
WPLD
Write Protection Lock-Down status
1 = Write Protection Lock-Down enabled
0 = Write Protection Lock-Down disabled
0R
5
SEC1
1. The Security ID status will always be ‘1’ at power-up after a successful execution of the Lockout Security ID instruction, oth-
erwise default at power-up is ‘0’.
Security ID status
1 = Security ID space locked
0 = Security ID space not locked
01
R
6
RES
Reserved for future use
0
R
7
BUSY
Write operation status
1 = Internal Write operation is in progress
0 = No internal Write operation is in progress
0R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com