Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

146CTI Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 146CTI
Description  Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

146CTI Datasheet(HTML) 4 Page - Vishay Siliconix

  146CTI Datasheet HTML 1Page - Vishay Siliconix 146CTI Datasheet HTML 2Page - Vishay Siliconix 146CTI Datasheet HTML 3Page - Vishay Siliconix 146CTI Datasheet HTML 4Page - Vishay Siliconix 146CTI Datasheet HTML 5Page - Vishay Siliconix 146CTI Datasheet HTML 6Page - Vishay Siliconix 146CTI Datasheet HTML 7Page - Vishay Siliconix 146CTI Datasheet HTML 8Page - Vishay Siliconix 146CTI Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
146 CTI
www.vishay.com
Vishay BCcomponents
Revision: 05-Dec-16
4
Document Number: 28403
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MOUNTING
The capacitors are designed for automatic placement on to
printed-circuit boards.
Optimum dimensions of soldering pads depend amongst
others on soldering method, mounting accuracy, print
layout and / or adjacent components.
For recommended soldering pad dimensions, refer to Fig. 3
and Table 3.
SOLDERING
Soldering conditions are defined by the curve, temperature
versus time, where the temperature is that measured on the
component during processing.
For maximum conditions refer to Fig. 4.
Any temperature versus time curve which does not exceed
the specified maximum curves may be applied.
As a general principle, temperature and duration shall be the
minimum necessary required to ensure good soldering
connections. However, the specified maximum curves
should never be exceeded.
Fig. 3 - Recommended soldering pad dimensions
Table 3
RECOMMENDED SOLDERING PAD DIMENSIONS in millimeters
CASE CODE
a
b
c
d
e
f
0810
4.4
2.5
3.0
-
-
-
1010
4.4
2.5
4.0
-
-
-
1012
4.4
2.5
4.0
-
-
-
1213
6.3
2.5
4.0
4.2
5.0
5.6
1216
6.3
2.5
4.0
4.2
5.0
5.6
1616
7.8
9.6
4.7
-
-
-
1621
7.8
9.6
4.7
-
-
-
1816
8.8
9.6
4.7
-
-
-
1821
8.8
9.6
4.7
-
-
-
aa
c
b
aa
c
b
e
d
f
d
Case size Ø D = 12.5 mm
Case size Ø D
≥ 16 mm
Case size Ø D
≤ 10 mm
a
a
b
c



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com