Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

146RTI Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 146RTI
Description  Aluminum Electrolytic Capacitors Radial, High Temperature, Low Impedance
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

146RTI Datasheet(HTML) 4 Page - Vishay Siliconix

  146RTI Datasheet HTML 1Page - Vishay Siliconix 146RTI Datasheet HTML 2Page - Vishay Siliconix 146RTI Datasheet HTML 3Page - Vishay Siliconix 146RTI Datasheet HTML 4Page - Vishay Siliconix 146RTI Datasheet HTML 5Page - Vishay Siliconix 146RTI Datasheet HTML 6Page - Vishay Siliconix 146RTI Datasheet HTML 7Page - Vishay Siliconix 146RTI Datasheet HTML 8Page - Vishay Siliconix 146RTI Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
146 RTI
www.vishay.com
Vishay BCcomponents
Revision: 22-Mar-17
4
Document Number: 28401
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
50
100
10 x 12
420
53
0.10
0.190
1.330
51101E3
61101E3
31101E3
220
10 x 16
900
113
0.10
0.120
0.720
51221E3
61221E3
31221E3
330
10 x 20
1000
168
0.10
0.090
0.540
51331E3
61331E3
31331E3
470
12.5 x 20
1250
238
0.10
0.065
0.390
51471E3
61471E3
31471E3
680
12.5 x 25
1700
343
0.10
0.050
0.300
51681E3
61681E3
31681E3
820
16 x 20
1650
413
0.10
0.047
0.282
51821E3
61821E3
31821E3
1000
18 x 20
1800
503
0.10
0.039
0.234
51102E3
61102E3
31102E3
1000
16 x 25
2100
503
0.10
0.031
0.186
91105E3
91106E3
91103E3
1200
18 x 25
2400
603
0.10
0.030
0.180
51122E3
61122E3
31122E3
1200
16 x 31
2550
603
0.10
0.027
0.162
91125E3
91126E3
91123E3
1500
16 x 35
2800
753
0.10
0.022
0.132
51152E3
61152E3
-
1800
18 x 31
2700
903
0.10
0.026
0.156
51182E3
61182E3
31182E3
2200
18 x 35
3000
1103
0.12
0.022
0.132
51222E3
61222E3
-
63
68
10 x 12
400
46
0.10
0.360
2.160
58689E3
68689E3
38689E3
100
10 x 16
600
66
0.10
0.220
1.320
58101E3
68101E3
38101E3
150
10 x 20
750
98
0.10
0.150
0.900
58151E3
68151E3
38151E3
220
12.5 x 20
1000
142
0.10
0.098
0.950
58221E3
68221E3
38221E3
330
12.5 x 25
1300
211
0.10
0.076
0.456
58331E3
68331E3
38331E3
390
16 x 20
1250
249
0.10
0.075
0.450
58391E3
68391E3
38391E3
470
18 x 20
1500
299
0.10
0.055
0.330
58471E3
68471E3
38471E3
560
16 x 25
1800
356
0.10
0.048
0.288
58561E3
68561E3
38561E3
680
18 x 25
2100
431
0.10
0.041
0.246
58681E3
68681E3
38681E3
680
16 x 31
2200
431
0.10
0.036
0.216
98685E3
98686E3
98683E3
820
16 x 35
2500
520
0.10
0.029
0.174
58821E3
68821E3
-
1000
18 x 31
2400
633
0.10
0.032
0.192
58102E3
68102E3
38102E3
1200
18 x 35
2600
759
0.10
0.029
0.174
58122E3
68122E3
-
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage
Us  1.15 x UR
Reverse voltage
Urev  0.5 V
Current
Leakage current
After 2 min at UR
IL2  0.01 CR x UR + 3 μA
Inductance
Equivalent series inductance (ESL)
Case Ø D = 10 mm
Typ. 16 nH
Case Ø D
 12.5 mm
Typ. 18 nH
Resistance
Equivalent series resistance (ESR)
Calculated from tan
max. and CR (see Table 2)
ESR = tan
/2 f C
R
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(μF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 kHz
125 °C
(mA)
IL2
2 min
(μA)
tan
100 Hz
Z
100 kHz
+20 °C
(
)
Z
100 kHz
-40 °C
(
)
ORDERING CODE
MAL2146.......
BULK PACKAGING
TAPED
FORM CA
FORM CB
FORM TFA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com