Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

150RMI Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 150RMI
Description  Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

150RMI Datasheet(HTML) 4 Page - Vishay Siliconix

  150RMI Datasheet HTML 1Page - Vishay Siliconix 150RMI Datasheet HTML 2Page - Vishay Siliconix 150RMI Datasheet HTML 3Page - Vishay Siliconix 150RMI Datasheet HTML 4Page - Vishay Siliconix 150RMI Datasheet HTML 5Page - Vishay Siliconix 150RMI Datasheet HTML 6Page - Vishay Siliconix 150RMI Datasheet HTML 7Page - Vishay Siliconix 150RMI Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
150 RMI
www.vishay.com
Vishay BCcomponents
Revision: 06-Oct-16
4
Document Number: 28323
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CAPACITANCE (C)
Fig. 5 - Typical multiplier of capacitance as a function
of ambient temperature
Fig. 6 - Typical multiplier of capacitance as
a function of frequency
50
150
10 x 12
500
78
0.10
0.200
1.400
51151E3
61151E3
31151E3
220
10 x 16
700
113
0.10
0.120
0.840
51221E3
61221E3
31221E3
330
10 x 20
900
168
0.10
0.090
0.630
51331E3
61331E3
31331E3
470
12.5 x 20
1100
238
0.10
0.062
0.430
51471E3
61471E3
31471E3
680
12.5 x 25
1400
343
0.10
0.048
0.340
51681E3
61681E3
31681E3
1000
16 x 25
1800
503
0.10
0.034
0.240
51102E3
61102E3
31102E3
1200
16 x 31
2200
603
0.10
0.027
0.190
51122E3
61122E3
31122E3
1500
16 x 31
2200
753
0.10
0.027
0.190
51152E3
61152E3
31152E3
3300
18 x 40
3200
1653
0.14
0.024
0.168
51332E3
61332E3
-
63
47
8 x 12
405
30
0.09
0.342
2.350
58479E3
88479E3
38479E3
100
10 x 12
420
66
0.10
0.270
1.890
58101E3
68101E3
38101E3
150
10 x 16
560
97
0.10
0.190
1.330
58151E3
68151E3
38151E3
220
10 x 20
700
141
0.10
0.150
1.050
58221E3
68221E3
38221E3
330
12.5 x 20
930
211
0.10
0.095
0.670
58331E3
68331E3
38331E3
470
12.5 x 25
1200
299
0.10
0.067
0.470
58471E3
68471E3
38471E3
470
16 x 20
1100
299
0.10
0.074
0.520
98475E3
98476E3
98473E3
680
16 x 20
1100
431
0.10
0.074
0.520
58681E3
68681E3
38681E3
680
16 x 25
1500
431
0.10
0.054
0.380
98685E3
98686E3
98683E3
1000
16 x 31
1900
633
0.10
0.042
0.295
58102E3
68102E3
38102E3
2200
18 x 40
3100
1389
0.12
0.033
0.231
58222E3
68222E3
-
100
22
8 x 12
230
22
0.08
0.68
27.0
59229E3
89229E3
39229E3
330
18 x 20
1700
330
0.07
0.074
2.0
90183E3
90185E3
-
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage
Us  1.15 x UR
Reverse voltage
Urev  1 V
Current
Leakage current
After 2 min at UR
IL2  0.01 CR x UR + 3 μA
Inductance
Equivalent series inductance (ESL)
Case Ø D
 10 mm
Typ. 16 nH
Case Ø D
 12.5 mm
Typ. 18 nH
Resistance
Equivalent series resistance (ESR)
Calculated from tan
max. and CR (see Table 2)
ESR = tan
/2f C
R
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(μF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 kHz
105 °C
(mA)
IL2
2 min
(μA)
tan
100 Hz
Z
100 kHz
+20 °C
(
)
Z
100 kHz
-40 °C
(
)
ORDERING CODE
MAL2150.......
BULK PACKAGING
TAPED
FORM CA
FORM CB
FORM TFA
- 60
- 40
- 20
0
20
40
60
80
100
120
140
0.8
1.0
0.9
1.1
1.2
Tamb (°C)
C
C0
C
0 = Typical capacitance at 20 °C, 100 Hz
Tamb 20 °C
C
0 = Typical capacitance at 20 °C, 100 Hz
10 5
10 4
10 3
10 2
10
f (Hz)
0
0.2
0.4
0.6
0.8
1.0
1.2
C
C0
2
1
Curve 1: U
R ≤ 35 V
Curve 2: U
R ≥ 50 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com