Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26WF040BAT-104I/CS Datasheet(PDF) 6 Page - Microchip Technology

Part # SST26WF040BAT-104I/CS
Description  1.8V 4 Mbit and 8 Mbit Serial Quad I/O (SQI) Flash Memory
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26WF040BAT-104I/CS Datasheet(HTML) 6 Page - Microchip Technology

Back Button SST26WF040BAT-104I/CS Datasheet HTML 2Page - Microchip Technology SST26WF040BAT-104I/CS Datasheet HTML 3Page - Microchip Technology SST26WF040BAT-104I/CS Datasheet HTML 4Page - Microchip Technology SST26WF040BAT-104I/CS Datasheet HTML 5Page - Microchip Technology SST26WF040BAT-104I/CS Datasheet HTML 6Page - Microchip Technology SST26WF040BAT-104I/CS Datasheet HTML 7Page - Microchip Technology SST26WF040BAT-104I/CS Datasheet HTML 8Page - Microchip Technology SST26WF040BAT-104I/CS Datasheet HTML 9Page - Microchip Technology SST26WF040BAT-104I/CS Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 96 page
background image
SST26WF040B/040BA SST26WF080B/080BA
DS20005283C-page 6
 2014-2017 Microchip Technology Inc.
3.0
MEMORY ORGANIZATION
The SST26WF040B/040BA and SST26WF080B/080BA
SQI memory array is organized in uniform, 4 KByte
erasable sectors with the following erasable blocks:
eight 8 KByte parameter, two 32 KByte overlay, and six
64 KByte blocks (4 Mbit) or fourteen 64 KByte (8 Mbit)
overlay blocks. See Figure 3-1.
FIGURE 3-1:
MEMORY MAP
20005283 F41.0
Top of Memory Block
8 KByte
8 KByte
8 KByte
8 KByte
32 KByte
64 KByte
64 KByte
64 KByte
32 KByte
8 KByte
8 KByte
8 KByte
8 KByte
Bottom of Memory Block
4 KByte
4 KByte
4 KByte
4 KByte
2 Sectors for 8 KByte blocks
8 Sectors for 32 KByte blocks
16 Sectors for 64 KByte blocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com