Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

152RMH Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 152RMH
Description  Aluminum Electrolytic Capacitors Radial Miniature, High Voltage
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

152RMH Datasheet(HTML) 4 Page - Vishay Siliconix

  152RMH Datasheet HTML 1Page - Vishay Siliconix 152RMH Datasheet HTML 2Page - Vishay Siliconix 152RMH Datasheet HTML 3Page - Vishay Siliconix 152RMH Datasheet HTML 4Page - Vishay Siliconix 152RMH Datasheet HTML 5Page - Vishay Siliconix 152RMH Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
152 RMH
www.vishay.com
Vishay BCcomponents
Revision: 17-Mar-17
4
Document Number: 28320
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RIPPLE CURRENT AND USEFUL LIFE
Table 3
Note
• Multiplier of useful life code: CCC206
Fig. 5 - Multiplier of useful life as a function of ambient temperature and ripple current load
ENDURANCE TEST DURATION AND USEFUL LIFE
NOMINAL CASE SIZE
Ø D x L
(mm)
ENDURANCE
AT 105 °C
(h)
USEFUL LIFE
AT 105 °C
(h)
USEFUL LIFE
AT 40 °C
1.6 x IR APPLIED
(h)
10 x 12
2000
3000
200 000
10 x 16
2000
3000
200 000
10 x 20
2000
3000
200 000
12.5 x 20
2000
3000
200 000
12.5 x 25
2000
3000
200 000
16 x 20
2000
4000
260 000
16 x 25
2000
4000
260 000
16 x 35
2000
4000
260 000
18 x 20
2000
4000
260 000
18 x 25
2000
4000
260 000
18 x 35
2000
4000
260 000
3.8
3.7
3.6
3.5
3.4
3.3
3.2
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.5
0.0
3.1
40
50
60
70
80
90
100
110
Lifetime multiplier
(1)
IA
IR
CCC206
T
amb (°C)
I
A = Actual ripple current at 100 Hz
I
R = Rated ripple current at 100 Hz, 105 °C
(1) Useful life at 105 °C and I
R applied
Case Ø D = 10 mm and 12.5 mm: 3000 h
Case Ø D = 16 mm and 18 mm: 4000 h



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com