Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTZ3.6 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # CTZ3.6
Description  HIGH SPEED SILICON SWITCHING DIODE AXIAL LEAD
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CTZ3.6 Datasheet(HTML) 2 Page - Continental Device India Limited

  CTZ3.6 Datasheet HTML 1Page - Continental Device India Limited CTZ3.6 Datasheet HTML 2Page - Continental Device India Limited CTZ3.6 Datasheet HTML 3Page - Continental Device India Limited CTZ3.6 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HIGH SPEEDS SILICON SWITCHING DIODE AXIAL LEAD
CTZ 2.6 to 47
500mW
DO- 35
Glass Axial Package
DEVICE
VZT @rZT @
IZT
rZK @IZK
Temp.
IR @VR
IZM
IZSM
IZT *IZT *
IZK *
Coeff.of
VR
MAX
MAX
Zener Voltage
MAX
MAX
typ
(V)
(
Ω)
(mA)
(
Ω)
(mA)
(%/ºC )
(
µA)
(V)
(mA)
(mA)
CTZ 7.5
705
8
10
50
1
+0.058
1.0
6
60
605
CTZ 8.2
8.2
10
10
50
1
+0.062
0.52
7
55
555
CTZ9.1
9.1
12
10
50
1
+0.068
0.1
7
49
500
CTZ 10
10
14
10
70
1
+0.075
0.1
8
45
455
CTZ 11
11
15
10
700
0.25
+0.073
0.1
9
41
410
CTZ 12
12
19
10
700
0.25
0.076
0.1
10
37
380
CTZ 13
13
23
5
700
0.25
+0.079
0.1
11
35
350
CTZ 15
15
27
5
700
0.25
+0.082
0.1
13
30
300
CTZ 16
16
31
5
700
0.25
+0.083
0.1
14
28
285
CTZ 18
18
35
5
750
0.25
+0.085
0.1
16
25
250
CTZ 20
20
39
5
750
0.25
+0.086
0.1
18
22
225
CTZ 22
22
67
5
750
0.25
+0.087
0.1
19
20
205
CTZ 24
24
75
5
750
0.25
+0.088
0.1
20
18.6
190
CTZ27
27
77
5
750
0.25
+0.090
0.1
22
16.5
170
CTZ30
30
93
5
1000
0.25
+0.091
0.1
24
15
150
CTZ33
33
96
5
1000
0.25
+0.092
0.1
26
13.5
135
CTZ36
36
146
5
1000
0.25
+0.093
0.1
28
12.4
125
CTZ39
39
192
5
1000
0.25
+0.094
0.1
30
11.4
115
CTZ43
43
246
5
1500
0.25
+0.095
0.1
35
10.4
105
CTZ 47
47
286
5
1500
0.25
+0.095
0.1
42
9.5
95
Available iln l'+-10% Tolerance. Add Suffix "A" for '+- 5% Tolerance
* Pulse Condition : 20ms < 50ms, Duty Cycle <2%
Continental Device India Limited
Data Sheet
Page 2 of 4
CTZ2.6_47Rev081001



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com