Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

181CPL Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 181CPL
Description  Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

181CPL Datasheet(HTML) 4 Page - Vishay Siliconix

  181CPL Datasheet HTML 1Page - Vishay Siliconix 181CPL Datasheet HTML 2Page - Vishay Siliconix 181CPL Datasheet HTML 3Page - Vishay Siliconix 181CPL Datasheet HTML 4Page - Vishay Siliconix 181CPL Datasheet HTML 5Page - Vishay Siliconix 181CPL Datasheet HTML 6Page - Vishay Siliconix 181CPL Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
181 CPL
www.vishay.com
Vishay BCcomponents
Revision: 15-Jul-16
4
Document Number: 28417
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Table 3
ADVANCED SOLDERING PROFILE FOR LEAD (Pb)-FREE REFLOW PROCESS
Fig. 4 - Maximum temperature load during reflow soldering
Table 4
Note
• Temperature measuring point on top of the case and on terminals.
RECOMMENDED SOLDERING PAD DIMENSIONS in millimeters
CASE CODE
a
b
c
0606
1.9
3.5
1.6
0807
3.0
3.5
2.5
0812
3.0
3.5
2.5
1008
4.0
4.0
2.5
1013
4.0
4.0
2.5
REFLOW SOLDERING CONDITIONS for MAL2181xxxxxE3
PROFILE FEATURES
CASE CODE
0606 TO 1013
Max. time from 25 °C to TPeak
300 s
Max. ramp-up rate to 150 °C
3 K/s
Max. time from 150 °C to 200 °C (t1)
150 s
Max. time from 190 °C to 200 °C (t2)
110 s
Ramp up rate from 200 °C to TPeak
0.5 K/s to 3 K/s
Max. time above TLiquidus (217 °C) (t3)90 s
Max. time above 230 °C (t4)
70 s
Peak temperature TPeak
260 °C
Max. time above TPeak minus 5 °C
40 s
Ramp-down rate from TLiquidus
3 K/s to 6 K/s
t
1
200
190
150
25
217
230
T
Peak
time (s)
T (°C)
t
2
t
3
t
4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com