Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS33 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # SS33
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

SS33 Datasheet(HTML) 1 Page - Continental Device India Limited

  SS33 Datasheet HTML 1Page - Continental Device India Limited SS33 Datasheet HTML 2Page - Continental Device India Limited SS33 Datasheet HTML 3Page - Continental Device India Limited SS33 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SS32 - S300
DO-214AA (SMB)
Surface Mount Package
Polarity : Colour band denotes cathode end
For use in Low Voltage, High Frequency Inverters, Free Wheeling Diodes and Polarity Protection Applications
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25ºC ambient temperature unless specified otherwise. Resistive or Inductive Load.
SYMBOL SS32 SS33 SS34
SS38 SS39 S300
UNIT
Maximum Peak Repetitive Reverse Voltage
VRRM
20
30
40
80
90
100
V
VRMS
14
21
28
56
64
71
V
Maximum DC Blocking Voltage
VDC
20
30
40
80
90
100
V
I(AV)
A
A
single half sine-wave superimposed on
*VF
V
Maximum DC Reverse Current
Ta=25
oC
mA
at Rated DC Blocking Voltage
Ta=100
oC
mA
**Rth (j-a)
ºC/W
**Rth (j-a)
ºC/W
Tj
ºC
Tstg
ºC
* Pulse Test With PW=300
µµs, 1% Duty Cycle.
** Mounted on PCB with 0.30" x 0.30" (8.0 x 8.0 mm) Copper Pad Area
SS32_S300Rev290405E
20
- 55 to +125
Maximum Average Forward Rectified Current
0.375" (9.5mm) Lead Length at TL=75
oC
*IR
Thermal Resistance Junction to Ambient
3.0
80
TYP55
TYP17
DESCRIPTION
Maximum RMS Voltage
Operating Junction Temperature Range
Storage Temperature Range
Peak Forward Surge Current 8.3ms
IFSM
rated load
Maximum Instantaneous Forward Voltage at
IF=3.0A
SS36
35
50
SS35
60
42
- 55 to +150
60
50
0.85
0.5
0.50
0.70
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - SS33

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SS33 ZOWIE-SS33 Datasheet
53Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SS33 SSE-SS33 Datasheet
16Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
SS33 FAIRCHILD-SS33 Datasheet
82Kb / 4P
3.0 Ampere Schottky Barrier Rectifiers
logo
General Semiconductor
SS33 GE-SS33 Datasheet
39Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
SS33 MCC-SS33 Datasheet
354Kb / 2P
3 Amp Schottky Rectifier 20 to 60 Volts
More results

Similar Description - SS33

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com