Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RK0302CB-R500WN-AA Datasheet(PDF) 1 Page - Vishay Barry

Part # RK0302CB-R500WN-AA
Description  BeO or Alumina
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry

RK0302CB-R500WN-AA Datasheet(HTML) 1 Page - Vishay Barry

  RK0302CB-R500WN-AA Datasheet HTML 1Page - Vishay Barry  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RK0302CB-XXXXWN-AA
1/4 WRAP RESISTOR
WWW.BARRYIND.COM
Features:
♦ 1/4 Wrap
♦ BeO or Alumina
♦ CB - Tin Lead over Nickel over Silver
General Description:
The RK0302CB-XXXXWN-AA series is a
50 Ohm standard quarter wrap style chip
resistor. It offers a small package design
available in BeO or Alumina.
See below for ordering options.
CB - Tin/Lead over Nickel over Silver
F - 1%
G - 2%
J - 5%
K - 10%
L - 20%
X - Special
-90 - .010" Alumina
.06 Watts
-91 - .015" Alumina
.04 Watts
-95 - .010" BeO
.15 Watts
0.5....R500
1 ......1R00
10.....10R0
50.....50R0
100...1000
150...1500
1K.....1001
10K...1002
100K.1003
470K.4703
1M....1004
n
o
it
a
n
i
g
i
r
O
e
t
a
D
n
o
i
s
i
v
e
R
e
t
a
D
.
v
e
R
6
0
/
1
2
/
1
1
6
0
/
1
2
/
1
1
-
* Barry Industries reserves the right to change part number and or process without notification
Barry Industries, Inc., 60 Walton St., Attleboro, MA 02703 T: 508-226-3350 F: 508-226-3317 E-mail: sales@barryind.com
Barry Industries maintains an ISO 9001 Certified Quality Management System


Similar Part No. - RK0302CB-R500WN-AA

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
RK01P001YZ1 JAE-RK01P001YZ1 Datasheet
52Kb / 2P
Textile side connector, Plug Contact (General parts)
RK01S001WZ2R1300 JAE-RK01S001WZ2R1300 Datasheet
52Kb / 2P
Transmitter side, Receptacle Contact (General parts)
logo
Vishay Barry
RK0402BA-1000FN-90 BARRY-RK0402BA-1000FN-90 Datasheet
99Kb / 1P
BeO or Alumina
Rev.A 11/03/09
RK0402BA-1000FN-91 BARRY-RK0402BA-1000FN-91 Datasheet
99Kb / 1P
BeO or Alumina
Rev.A 11/03/09
RK0402BA-1000FN-95 BARRY-RK0402BA-1000FN-95 Datasheet
99Kb / 1P
BeO or Alumina
Rev.A 11/03/09
More results

Similar Description - RK0302CB-R500WN-AA

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
TV0202ZZ-XXXXWN-AA BARRY-TV0202ZZ-XXXXWN-AA Datasheet
186Kb / 1P
Alumina and BeO
Rev. B
RP0502ZZ-XXXXWN-YY BARRY-RP0502ZZ-XXXXWN-YY Datasheet
41Kb / 1P
BeO or Alumina
11/05/12
RP0504ZZ-XXXXWN-YY BARRY-RP0504ZZ-XXXXWN-YY Datasheet
41Kb / 1P
BeO or Alumina
Rev.A 11/23/11
RK0402ZZ-XXXXWN-YY BARRY-RK0402ZZ-XXXXWN-YY Datasheet
99Kb / 1P
BeO or Alumina
Rev.A 11/03/09
RK0502ZZ-XXXXWN-YY BARRY-RK0502ZZ-XXXXWN-YY Datasheet
170Kb / 1P
BeO or Alumina
11/02/07
RK0505ZZ-XXXXWN-YY BARRY-RK0505ZZ-XXXXWN-YY Datasheet
170Kb / 1P
BeO or Alumina
Rev.A 12/10/07
RK1005ZZ-XXXXWN-YY BARRY-RK1005ZZ-XXXXWN-YY Datasheet
102Kb / 1P
BeO or Alumina
Rev.A 06/02/14
RK1206ZZ-XXXXWN-YY BARRY-RK1206ZZ-XXXXWN-YY Datasheet
99Kb / 1P
Alumina, BeO Free, BeO and AlN
02/11/10
RS1005ZZ-XXXXWN-YY BARRY-RS1005ZZ-XXXXWN-YY Datasheet
49Kb / 1P
BeO or Alumina Material
03/22/12
RE0805CT-XXXXJN-AA BARRY-RE0805CT-XXXXJN-AA Datasheet
185Kb / 1P
BeO, BeO FREE, or Alumina
Rev.B 03/25/08
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com