Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZX85B Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # BZX85B
Description  ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

BZX85B Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  BZX85B Datasheet HTML 1Page - EIC discrete Semiconductors BZX85B Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Nominal Zener
Maximum Zener
Maximum Reverse Maximum DC
Temp. coefficient
Type
Voltage
(1)
Impedance, f = 1kHz
Leakage Current
Zener Current
of Zener Voltage
Number
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR @ VR
IZM
(2)
(V)
(mA)
(
Ω)
(
Ω)
(mA)
(
µA)
(V)
(mA)
min.
max.
BZX85B3V6
3.6
60
15
500
1.0
20
1.0
290
-0.08
-0.05
BZX85B3V9
3.9
60
15
500
1.0
10
1.0
280
-0.07
-0.02
BZX85B4V3
4.3
50
13
500
1.0
3.0
1.0
250
-0.05
0.010
BZX85B4V7
4.7
45
13
500
1.0
3.0
1.0
215
-0.03
0.040
BZX85B5V1
5.1
45
10
500
1.0
1.0
1.5
200
-0.01
0.040
BZX85B5V6
5.6
45
7.0
400
1.0
1.0
2.0
190
0
0.045
BZX85B6V2
6.2
35
4.0
300
1.0
1.0
3.0
170
0.010
0.055
BZX85B6V8
6.8
35
3.5
300
1.0
1.0
4.0
155
0.015
0.060
BZX85B7V5
7.5
35
3.0
200
0.5
1.0
4.5
140
0.020
0.065
BZX85B8V2
8.2
25
5.0
200
0.5
1.0
6.2
130
0.030
0.070
BZX85B9V1
9.1
25
5.0
200
0.5
1.0
6.8
120
0.040
0.075
BZX85B10
10
25
7.0
200
0.5
0.5
7.5
105
0.450
0.080
BZX85B11
11
20
8.0
300
0.5
0.5
8.2
97
0.045
0.080
BZX85B12
12
20
9.0
350
0.5
0.5
9.1
88
0.045
0.085
BZX85B13
13
20
10
400
0.5
0.5
10
79
0.050
0.085
BZX85B15
15
15
10
500
0.5
0.5
11
71
0.055
0.090
BZX85B16
16
15
15
500
0.5
0.5
12
66
0.055
0.090
BZX85B18
18
15
20
500
0.5
0.5
13
62
0.060
0.090
BZX85B20
20
10
24
600
0.5
0.5
15
56
0.060
0.090
BZX85B22
22
10
25
600
0.5
0.5
16
52
0.060
0.095
BZX85B24
24
10
25
600
0.5
0.5
18
47
0.060
0.095
BZX85B27
27
8.0
30
750
0.25
0.5
20
41
0.060
0.095
BZX85B30
30
8.0
30
1000
0.25
0.5
22
36
0.060
0.095
BZX85B33
33
8.0
35
1000
0.25
0.5
24
33
0.060
0.095
BZX85B36
36
8.0
40
1000
0.25
0.5
27
30
0.060
0.095
BZX85B39
39
6.0
50
1000
0.25
0.5
30
28
0.060
0.095
BZX85B43
43
6.0
50
1000
0.25
0.5
33
26
0.060
0.095
BZX85B47
47
4.0
90
1500
0.25
0.5
36
23
0.060
0.095
BZX85B51
51
4.0
115
1500
0.25
0.5
39
21
0.060
0.095
BZX85B56
56
4.0
120
2000
0.25
0.5
43
19
0.060
0.095
BZX85B62
62
4.0
125
2000
0.25
0.5
47
16
0.060
0.095
BZX85B68
68
4.0
130
2000
0.25
0.5
51
15
0.055
0.095
BZX85B75
75
4.0
135
2000
0.25
0.5
56
14
0.055
0.095
BZX85B82
82
2.7
200
3000
0.25
0.5
62
12
0.055
0.095
BZX85B91
91
2.7
250
3000
0.25
0.5
68
10
0.055
0.095
BZX85B100
100
2.7
350
3000
0.25
0.5
75
9.4
0.055
0.095
BZX85B110
110
2.7
450
4000
0.25
0.5
82
8.6
0.055
0.095
BZX85B120
120
2.0
550
4500
0.25
0.5
91
7.8
0.055
0.095
BZX85B130
130
2.0
700
5000
0.25
0.5
100
7.0
0.055
0.095
BZX85B150
150
2.0
1000
6000
0.25
0.5
110
6.4
0.055
0.095
BZX85B160
160
1.5
1100
6500
0.25
0.5
120
5.8
0.055
0.095
BZX85B180
180
1.5
1200
7000
0.25
0.5
130
5.2
0.055
0.095
BZX85B200
200
1.5
1500
8000
0.25
0.5
150
4.7
0.055
0.095
Notes: (1) Measured with pulses tp = 5 ms
(2) Valid provided that leads are kept at ambient temperature at a distance of 10 mm from case
(3) The type number listed have a standard tolerance on the nominal zener voltage of
± 2%.
Page 2 of 2
Rev. 04 : March 25, 2005
α
mvz(% / °C)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com