Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1815 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 1815
Description  NPN general purpose transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1815 Datasheet(HTML) 4 Page - NXP Semiconductors

  1815 Datasheet HTML 1Page - NXP Semiconductors 1815 Datasheet HTML 2Page - NXP Semiconductors 1815 Datasheet HTML 3Page - NXP Semiconductors 1815 Datasheet HTML 4Page - NXP Semiconductors 1815 Datasheet HTML 5Page - NXP Semiconductors 1815 Datasheet HTML 6Page - NXP Semiconductors 1815 Datasheet HTML 7Page - NXP Semiconductors 1815 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1999 May 28
4
Philips Semiconductors
Product specification
NPN general purpose transistor
2PC1815
PACKAGE OUTLINE
UNIT
A
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
5.2
5.0
b
0.48
0.40
c
0.45
0.40
D
4.8
4.4
d
1.7
1.4
E
4.2
3.6
L
14.5
12.7
e
2.54
e1
1.27
L1
(1)
2.5
b1
0.66
0.56
DIMENSIONS (mm are the original dimensions)
Note
1. Terminal dimensions within this zone are uncontrolled to allow for flow of plastic and terminal irregularities.
SOT54
TO-92
SC-43
97-02-28
A
L
0
2.5
5 mm
scale
b
c
D
b1
L1
d
E
Plastic single-ended leaded (through hole) package; 3 leads
SOT54
e1
e
1
2
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com