Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5KP60C Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # 5KP60C
Description  BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

5KP60C Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  5KP60C Datasheet HTML 1Page - EIC discrete Semiconductors 5KP60C Datasheet HTML 2Page - EIC discrete Semiconductors 5KP60C Datasheet HTML 3Page - EIC discrete Semiconductors 5KP60C Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
5KP5.0C SERIES
BI-DIRECTIONAL TRANSIENT
VOLTAGE SUPPRESSOR
VRM : 5.0 - 180 Volts
PPK : 5000 Watts
FEATURES :
* 5000W Peak Pulse Power
* Excellent clamping capability
* Low incremental surge resistance
* Fast response time : typically less
then 1.0 ps from 0 volt to VBR(min.)
* Typical IR less then 1µA above 10V
MECHANICAL DATA
* Case : Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Cathode polarity band
* Mounting position : Any
* Weight : 2.
1 grams
DEVICES FOR UNIPOLAR APPLICATIONS
For uni-directional without "C"
Electrical characteristics apply in both directions
MAXIMUM RATINGS
Rating at 25
°C ambient temperature unless otherwise specified.
Rating
Symbol
Value
Unit
Peak Pulse Power Dissipation at tp = 1ms
(Note 1, Fig. 4)
Steady State Power Dissipation at TL = 75
°C
Lead Lengths 0.375", (9.5mm) (Note 2)
Operating and Storage Temperature Range
TJ, TSTG
- 55 to + 150
°C
Notes :
(1) Non-repetitive Current pulse, per Fig. 2 and derated above Ta = 25
°C per Fig. 1
(2) Mounted on Copper Leaf area of 0.79 in
2 (20mm2).
Page 1 of 4
Rev.
06 : March 25, 2005
PD
PPK
Minimum 5000
W
8.0
W
0.360 (9.1)
0.340 (8.6)
D6
0.360 (9.1)
0.340 (8.6)
0.052 (1.32)
0.048 (1.22)
Dimensions in inches and ( millimeters )
1.00 (25.4)
MIN.
1.00 (25.4)
MIN.
* Pb / RoHS Free


Similar Part No. - 5KP60C

ManufacturerPart #DatasheetDescription
logo
Surge Components
5KP60C SURGE-5KP60C Datasheet
199Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Transys Electronics
5KP60C TRSYS-5KP60C Datasheet
252Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
5KP60C WTE-5KP60C Datasheet
58Kb / 5P
5000W TRANSIENT VOLTAGE SUPPRESSORS
logo
Formosa MS
5KP60C FORMOSA-5KP60C Datasheet
87Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENTVOLTAGE SUPPRESSOR
logo
Won-Top Electronics
5KP60C WTE-5KP60C Datasheet
71Kb / 6P
5000W TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 5KP60C

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
1.5KE6.8CL EIC-1.5KE6.8CL Datasheet
68Kb / 4P
BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Solid States Devices, I...
ST1.5KPS6.8 SSDI-ST1.5KPS6.8_1 Datasheet
128Kb / 4P
BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Bruckewell Technology L...
P4SMA6.8C BWTECH-P4SMA6.8C Datasheet
151Kb / 4P
BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Solid States Devices, I...
T00003 SSDI-T00003 Datasheet
148Kb / 2P
BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Will Semiconductor Ltd.
ESD56151D04 WILLSEMI-ESD56151D04 Datasheet
423Kb / 6P
1-Line, Bi-directional, Transient Voltage Suppressor
ESD5431Z WILLSEMI-ESD5431Z Datasheet
379Kb / 6P
1-Line, Bi-directional, Transient Voltage Suppressor
logo
EIC discrete Semiconduc...
QP4SMA47CA EIC-QP4SMA47CA Datasheet
298Kb / 2P
BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Rev. 00 : March 14, 2016
QP6KE33CA EIC-QP6KE33CA Datasheet
298Kb / 2P
BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Rev. 00:September 8, 2015
QP6KE36CA EIC-QP6KE36CA Datasheet
297Kb / 2P
BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Rev. 00:September 8, 2015
QP6SMA27CA EIC-QP6SMA27CA Datasheet
313Kb / 2P
BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Rev. 00:January 29, 2016
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com