Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC2501 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # KBPC2501
Description  SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

KBPC2501 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  KBPC2501 Datasheet HTML 1Page - EIC discrete Semiconductors KBPC2501 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES (KBPC2500 - KBPC2510 )
FIG.1 - DERATING CURVE FOR OUTPUT
FIG.2 - MAXIMUM NON-REPETITIVE PEAK
RECTIFIED CURRENT
FORWARD SURGE CURRENT
0
25
50
75
100
125
150
175
CASE TEMPERATURE, (
°C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PER DIODE
PER DIODE
Page 2 of 2
Rev. 02 : March 24, 2005
15
10
5
30
25
100
10
1.0
200
0
300
0
150
100
50
0.1
10
80
0.01
0.01
1.0
0.1
100
140
0
20
40
60
120
PERCENT OF RATED
REVERSE VOLTAGE, (%)
TJ = 25
°C
Pulse Width = 300
µs
1 % Duty Cycle
8.3 ms SINGLE HALF SINE WAVE
JEDEC METHOD
TJ = 50
°C
TJ = 100
°C
TJ = 25
°C
20
250
10
20
60
1
2
4
6
40
100
1.2
1.4
1.8
0.4
0.6
0.8
1.0
1.6
HEAT-SINK MOUNTING, Tc
5" x 6" x 4.9" THK.
(12.8cm x 15.2cm x 12.4cm)
Al.-Finned plate
FORWARD VOLTAGE, VOLTS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com