Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC5000 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # KBPC5000
Description  SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

KBPC5000 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  KBPC5000 Datasheet HTML 1Page - EIC discrete Semiconductors KBPC5000 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KBPC5000 - KBPC5010
PRV : 50 - 1000 Volts
Io : 50 Amperes
FEATURES :
* High case dielectric strength
* High surge current capability
* High reliability
* High efficiency
* Low reverse current
* Low forward voltage drop
* Pb / RoHS Free
MECHANICAL DATA :
* Case : Metal Case
* Epoxy : UL94V-O rate flame retardant
* Terminals : plated .25" (6.35 mm). Faston
* Polarity : Polarity symbols marked on case
* Mounting position : Bolt down on heat-sink with
silicone thermal compound between bridge
and mounting surface for maximum heat
transfer efficiency.
* Weight : 17.1 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specifie.
Single phase, half wave, 60 Hz, resistive or inductive load
For capacitive load, derate current by 20%
KBPC
KBPC
KBPC
KBPC
KBPC
KBPC
KBPC
5000
5001
5002
5004
5006
5008
5010
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Current Tc= 55
°C
IF(AV)
50
A
Peak Forward Surge Current Single half sine wave
Superimposed on rated load (JEDEC Method)
Current Squared Time at t < 8.3 ms.
I
2t
660
A
2S
Maximum Forward Voltage per Diode at IF= 25A
VF
1.1
V
Maximum DC Reverse Current
Ta= 25
°C
IR
10
μA
at Rated DC Blocking Voltage
Ta= 100
°C
IR(H)
500
μA
Typical Thermal Resistance (Note 1)
R
θJC
2.0
°C/W
Operating Junction Temperature Range
TJ
- 40 to + 150
°C
Storage Temperature Range
TSTG
- 40 to + 150
°C
Note :
( 1 ) Thermal resistance from Junction to Case with units mounted on a 9"x5"x4.6" (22.9x12.7x11.7 cm) Al-Finned Heatsink.
Page 1 of 2
Rev. 01 : August 25, 2005
SILICON BRIDGE RECTIFIERS
IFSM
400
A
UNIT
SYMBOL
RATING
Dimensions in inches and ( millimeters )
BR50-M
φ
0.728(18.50)
0.688(17.40)
0.570(14.50)
0.530(13.40)
0.685(16.7
0)
1.130(28.70)
1.120(28.40)
0.210(5.30
)
0.658(16.70)
0 618(15 70)
0.032(0.81)
0.028(0.71)
0.252(6.40
)
0.905(23.0)
0.826(21.0)
0.100(2.50
)
0.310(7.87)
0.280(7.11)


Similar Part No. - KBPC5000

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC5000 WTE-KBPC5000 Datasheet
51Kb / 4P
40, 50A HIGH CURRENT BRIDGE RECTIFIER
KBPC5000 WTE-KBPC5000 Datasheet
54Kb / 4P
50A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBPC5000 JGD-KBPC5000 Datasheet
150Kb / 2P
HIGH CURRENT 15,25,35,50 AMPS . SINGLE PHASE BRIDGE RECTIFIERS
logo
SynSemi, Inc.
KBPC5000 SYNSEMI-KBPC5000 Datasheet
44Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Zibo Seno Electronic En...
KBPC5000 ZSELEC-KBPC5000 Datasheet
389Kb / 2P
50A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - KBPC5000

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GBI15A DIOTEC-GBI15A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBI25A DIOTEC-GBI25A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBS4A DIOTEC-GBS4A Datasheet
146Kb / 2P
Silicon-Bridge Rectifiers
GBU6A DIOTEC-GBU6A Datasheet
168Kb / 2P
Silicon-Bridge Rectifiers
GBU12A DIOTEC-GBU12A Datasheet
187Kb / 2P
Silicon-Bridge Rectifiers
KBPC2500FW DIOTEC-KBPC2500FW Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
B125C2300-1500 DIOTEC-B125C2300-1500 Datasheet
62Kb / 2P
Silicon-Bridge Rectifiers
logo
Semikron International
GBU6A SEMIKRON-GBU6A Datasheet
221Kb / 2P
Silicon-Bridge Rectifiers
B40C3200-2200 SEMIKRON-B40C3200-2200 Datasheet
170Kb / 2P
Silicon-Bridge Rectifiers
B40C7000-4000 SEMIKRON-B40C7000-4000 Datasheet
178Kb / 2P
Silicon-Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com