Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL6263 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # LL6263
Description  SCHOTTKY BARRIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

LL6263 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  LL6263 Datasheet HTML 1Page - EIC discrete Semiconductors LL6263 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( LL5711 and LL6263 )
Typical variation of forward current
Typical forward conduction curve
and forward voltage for primary conduction
of combination schottky barrier
through the schottky barrier
and PN junction guard ring
Typical capacitance curve as a
Typical variation of reverse current
function of reverse voltage
at various temperatures
Page 2 of 2
Rev. 02 : March 24, 2005
0
10
20
30
40
50
Reverse Voltage , VR (V)
0
1
2
Tj = 25
°C
0
0.5
1
Forward Voltage , VF (V)
0
60
100
20
40
80
0.01
1
0
0.5
1
Forward Voltage , VF (V)
10
0.1
0.05
0.02
0.2
0.5
2
5
Reverse Voltage , VR (V)
0
10
20
30
40
50
0.01
1
100
0.02
0.1
10
0.05
0.2
0.5
2
5
20
50
Ta = 125
°C
Ta = 25
°C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com