Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMZJ27 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # MMZJ27
Description  ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

MMZJ27 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  MMZJ27 Datasheet HTML 1Page - EIC discrete Semiconductors MMZJ27 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Zener Voltage
Test
Maximum Zener
Maximum
VZ @ IZT
Current
Impedance
Reverse
Suffix A
Suffix B
Suffix C
Suffix D
Current
Min. Nom. Max.
Min. Nom. Max.
Min. Nom. Max.
Min. Nom. Max.
IZT
ZZT @ IZT ZZk @ IZK
IZK
(V)
(V)
(V)
(V)
(V)
(V)
(V)
(V)
(V)
(V)
(V)
(V)
(mA)
(
Ω)
(
Ω)
(mA)
(
µA)
(V)
MMZJ2.0
1.89
2.00
2.11
2.02
2.11
2.20
-
-
-
-
-
-
5
100
1000
0.5
120
0.5
MMZJ2.2
2.11
2.20
2.29
2.22
2.32
2.42
-
-
-
-
-
-
5
100
1000
0.5
120
0.7
MMZJ2.4
2.34
2.44
2.54
2.43
2.53
2.63
-
-
-
-
-
-
5
100
1000
0.5
120
1
MMZJ2.7
2.54
2.65
2.76
2.69
2.8
2.91
5
100
1000
0.5
100
1
MMZJ3.0
2.85
2.96
3.07
3.01
3.12
3.23
-
-
-
-
-
-
5
120
1000
0.5
50
1
MMZJ3.3
3.16
3.27
3.38
3.32
3.43
3.54
-
-
-
-
-
-
5
120
1000
0.5
20
1
MMZJ3.6
3.45
3.58
3.70
3.60
3.72 3.845
-
-
-
-
-
-
5
100
1000
1.0
10
1
MMZJ3.9
3.74
3.88
4.01
3.89
4.03
4.16
-
-
-
-
-
-
5
100
1000
1.0
5
1
MMZJ4.3
4.04
4.17
4.29
4.17
4.30
4.43
-
-
-
-
-
-
5
100
1000
1.0
5
1
MMZJ4.7
4.44
4.56
4.67
4.55
4.68
4.80
-
-
-
-
-
-
5
80
900
0.5
5
1
MMZJ5.1
4.81
4.94
5.06
4.94
5.07
5.20
5.08
5.23
5.37
-
-
-
5
70
1200
1.0
5
1.5
MMZJ5.6
5.11
5.42
5.55
5.45
5.59
5.72
5.61
5.76
5.90
-
-
-
5
40
900
1.0
5
2.5
MMZJ6.2
5.78
5.94
6.09
5.96
6.12
6.27
6.12
6.28
6.43
-
-
-
5
30
500
1.0
5
3
MMZJ6.8
6.33
6.46
6.62
6.49
6.66
6.82
6.66
6.84
7.01
-
-
-
5
20
150
0.5
2
3.5
MMZJ7.5
6.85
7.04
7.22
7.07
7.26
7.44
7.29
7.48
7.66
-
-
-
5
20
120
0.5
0.5
4
MMZJ8.2
7.53
7.73
7.92
7.79
8.00
8.20
8.03
8.24
8.44
-
-
-
5
20
120
0.5
0.5
5
MMZJ9.1
8.28
8.51
8.73
8.57
8.79
9.00
8.83
9.07
9.30
-
-
-
5
20
120
0.5
0.5
6
MMZJ10
9.13
9.36
9.59
9.41
9.66
9.90
9.70
9.95 10.19 9.94 10.20 10.45
5
20
120
0.5
0.2
7
MMZJ11
10.14 10.40 10.66 10.53 10.80 11.07 10.82 11.10 11.37
-
-
-
5
20
120
0.5
0.2
8
MMZJ12
11.11 11.40 11.68 11.40 11.70 11.99 11.70 12.00 12.30
-
-
-
5
25
110
0.5
0.2
9
MMZJ13
12.07 12.40 12.72 12.56 12.90 13.23 12.96 13.30 13.63
-
-
-
5
25
110
0.5
0.2
10
MMZJ15
13.45 13.80 14.14 13.92 14.30 14.67 14.33 14.70 15.06
-
-
-
5
25
110
0.5
0.2
11
MMZJ16
14.82 15.20 15.58 15.21 15.60 15.99 15.69 16.10 16.50
-
-
-
5
25
150
0.5
0.2
12
MMZJ18
16.19 16.60 17.02 16.87 17.30 17.73 17.39 17.80 18.21
-
-
-
5
30
150
0.5
0.2
13
MMZJ20
18.04 18.50 18.96 18.62 19.10 19.58 19.21 19.70 20.19 19.70 20.20 20.71
5
30
200
0.5
0.2
15
MMZJ22
20.18 20.70 21.22 20.67 21.20 21.73 21.06 21.60 22.14 21.55 22.10 22.65
5
30
200
0.5
0.2
17
MMZJ24
22.04 22.60 23.17 22.62 23.20 23.78 23.11 23.70 24.29 23.60 24.20 24.81
5
35
200
0.5
0.2
19
MMZJ27
24.28 24.90 25.52 24.96 25.60 26.24 26.33 27.00 27.68 26.54 27.00 27.46
5
45
250
0.5
0.2
21
MMZJ30
27.01 27.70 28.39 27.69 28.40 29.11 28.37 29.10 29.83 29.06 29.80 30.55
5
55
250
0.5
0.2
23
MMZJ33
29.64 30.40 31.16 30.32 31.10 31.88 30.91 31.70 32.49 31.49 32.30 33.11
5
65
250
0.5
0.2
25
MMZJ36
32.18 33.00 33.83 32.76 33.60 34.44 33.44 34.30 35.16 34.03 34.90 35.77
5
75
250
0.5
0.2
27
MMZJ39
34.71 35.60 36.49 35.47 36.30 37.13 35.98 36.90 37.82 36.66 37.60 38.54
5
85
250
0.5
0.2
30
Note : 1. The Zener voltage is measured 40ms after power is supplied.
Page 2 of 2
Rev. 03 : March 25, 2005
IR @ VR
Type



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com