Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN3N Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # SN3N
Description  SURFACE MOUNT HIGH VOLTAGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SN3N Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  SN3N Datasheet HTML 1Page - EIC discrete Semiconductors SN3N Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SN3N - SN3R
SURFACE MOUNT
HIGH VOLTAGE RECTIFIERS
PRV : 1200 - 2000 Volts
Io : 3.0 Amperes
FEATURES :
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* Pb / RoHS Free
MECHANICAL DATA :
* Case : SMC Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Lead Formed for Surface Mount
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.21 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
SN3N
SN3O
SN3P
SN3Q
SN3R
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
1200
1400
1600
1800
2000
V
Maximum RMS Voltage
VRMS
840
980
1120
1260
1400
V
Maximum DC Blocking Voltage
VDC
1200
1400
1600
1800
2000
V
Maximum Average Forward Current
Ta = 50
°C
IF(AV)
3.0
A
Maximum Peak One - cycle Surge Forward Current
IFSM
100
A
Maximum Peak Forward Voltage at IF = 3.0 A
VF
2.2
V
Maximum DC Reverse Current
at Rated DC Blocking Voltage
Junction Temperature Range
TJ
- 40 to + 150
°C
Storage Temperature Range
TSTG
- 40 to + 150
°C
Note :
( 1 ) Reverse Recovery Test Conditions : IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A.
Page 1 of 2
Rev. 02 : March 24, 2005
RATING
IR
µA
10
SMC (DO-214AB)
Dimensions in inches and (millimeter)
0.245(6.22)
0.121(3.07)
0.115(2.92)
0.220(5.59)
0.012(0.305)
0.103(2.62)
0.060(1.52)
0.079(2.00)
0.006(0.152)
0.030(0.76)
0.008(0.203)
0.004(0.102)


Similar Part No. - SN3N

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SN3-0R1B BOURNS-SN3-0R1B Datasheet
590Kb / 4P
S & SL Series – Riedon™ Surface Mount Wirewound Resistors by Bourns
REV. 10/24
SN3-0R1B1 BOURNS-SN3-0R1B1 Datasheet
590Kb / 4P
S & SL Series – Riedon™ Surface Mount Wirewound Resistors by Bourns
REV. 10/24
SN3-0R1C BOURNS-SN3-0R1C Datasheet
590Kb / 4P
S & SL Series – Riedon™ Surface Mount Wirewound Resistors by Bourns
REV. 10/24
SN3-0R1C1 BOURNS-SN3-0R1C1 Datasheet
590Kb / 4P
S & SL Series – Riedon™ Surface Mount Wirewound Resistors by Bourns
REV. 10/24
SN3-0R1D BOURNS-SN3-0R1D Datasheet
590Kb / 4P
S & SL Series – Riedon™ Surface Mount Wirewound Resistors by Bourns
REV. 10/24
More results

Similar Description - SN3N

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SN1N EIC-SN1N Datasheet
16Kb / 2P
SURFACE MOUNT HIGH VOLTAGE RECTIFIERS
logo
Vishay Siliconix
SS3H9 VISHAY-SS3H9 Datasheet
74Kb / 2P
High Voltage Surface Mount Schottky Barrier Rectifiers
18-Aug-04
logo
EIC discrete Semiconduc...
SN5N EIC-SN5N Datasheet
33Kb / 2P
SURFACE MOUNT HIGH VOLTAGE RECTIFIERS
logo
Voltage Multipliers Inc...
X20FF3L VMI-X20FF3L Datasheet
71Kb / 1P
High Voltage Rectifiers - Surface Mount
logo
SynSemi, Inc.
SN1N SYNSEMI-SN1N Datasheet
88Kb / 2P
SURFACE MOUNT HIGH VOLTAGE RECTIFIERS
SN5N SYNSEMI-SN5N Datasheet
31Kb / 2P
SURFACE MOUNT HIGH VOLTAGE RECTIFIERS
logo
EIC discrete Semiconduc...
SN1N EIC-SN1N_05 Datasheet
96Kb / 2P
SURFACE MOUNT HIGH VOLTAGE RECTIFIERS
logo
New Jersey Semi-Conduct...
1N6529U NJSEMI-1N6529U Datasheet
90Kb / 1P
HIGH VOLTAGE RECTIFIERS - SURFACE MOUNT
logo
Shenzhen Taychipst Elec...
SMAJ5.0 TAYCHIPST-SMAJ5.0 Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE RECTIFIERS
SMBJ5.0 TAYCHIPST-SMBJ5.0 Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com