Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2PD602AR Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 2PD602AR
Description  NPN general purpose transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

2PD602AR Datasheet(HTML) 1 Page - NXP Semiconductors

  2PD602AR Datasheet HTML 1Page - NXP Semiconductors 2PD602AR Datasheet HTML 2Page - NXP Semiconductors 2PD602AR Datasheet HTML 3Page - NXP Semiconductors 2PD602AR Datasheet HTML 4Page - NXP Semiconductors 2PD602AR Datasheet HTML 5Page - NXP Semiconductors 2PD602AR Datasheet HTML 6Page - NXP Semiconductors 2PD602AR Datasheet HTML 7Page - NXP Semiconductors 2PD602AR Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATA SHEET
Product specification
Supersedes data of 1997 Jun 20
1999 Apr 23
DISCRETE SEMICONDUCTORS
2PD602A
NPN general purpose transistor
book, halfpage
M3D114


Similar Part No. - 2PD602AR

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2PD602AR KEXIN-2PD602AR Datasheet
40Kb / 2P
NPN General Purpose Transistor
logo
NXP Semiconductors
2PD602AR NXP-2PD602AR Datasheet
107Kb / 6P
NPN general purpose transistor
1997 Jun 20
logo
Nexperia B.V. All right...
2PD602AR NEXPERIA-2PD602AR Datasheet
286Kb / 7P
NPN general purpose transistor
1999 Apr 23
logo
NXP Semiconductors
2PD602ARL NXP-2PD602ARL Datasheet
57Kb / 9P
50 V, 500 mA NPN general-purpose transistors
Rev. 01-27 October 2008
logo
Nexperia B.V. All right...
2PD602ARL NEXPERIA-2PD602ARL Datasheet
614Kb / 9P
50 V, 500 mA NPN general-purpose transistors
Rev. 01 - 27 October 2008
More results

Similar Description - 2PD602AR

ManufacturerPart #DatasheetDescription
logo
Rohm
BC848BW ROHM-BC848BW Datasheet
149Kb / 6P
NPN General Purpose Transistor
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
NPN general purpose transistor
logo
SeCoS Halbleitertechnol...
2N3904 SECOS-2N3904_10 Datasheet
383Kb / 3P
NPN General Purpose Transistor
logo
Rohm
SST6838 ROHM-SST6838_05 Datasheet
80Kb / 4P
NPN general purpose transistor
SSTA28 ROHM-SSTA28_05 Datasheet
79Kb / 3P
NPN general purpose transistor
logo
Leshan Radio Company
LNST3904F3T5G LRC-LNST3904F3T5G_15 Datasheet
202Kb / 4P
NPN General Purpose Transistor
logo
Galaxy Semi-Conductor H...
MMST5551 BILIN-MMST5551_14 Datasheet
173Kb / 4P
NPN General Purpose Transistor
Rev.A
2SC4617 BILIN-2SC4617 Datasheet
160Kb / 4P
NPN general purpose Transistor
Rev.A
MMBT5551 BILIN-MMBT5551_13 Datasheet
158Kb / 4P
NPN General Purpose Transistor
logo
Rohm
SSTA06HZG ROHM-SSTA06HZG Datasheet
1Mb / 9P
NPN General Purpose Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com