Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM488A Datasheet(PDF) 4 Page - Analog Devices

Part # ADM488A
Description  Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM488A Datasheet(HTML) 4 Page - Analog Devices

  ADM488A Datasheet HTML 1Page - Analog Devices ADM488A Datasheet HTML 2Page - Analog Devices ADM488A Datasheet HTML 3Page - Analog Devices ADM488A Datasheet HTML 4Page - Analog Devices ADM488A Datasheet HTML 5Page - Analog Devices ADM488A Datasheet HTML 6Page - Analog Devices ADM488A Datasheet HTML 7Page - Analog Devices ADM488A Datasheet HTML 8Page - Analog Devices ADM488A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADM488A/ADM489A
Data Sheet
TIMING SPECIFICATIONS
VCC = 5 V ± 10%. All specifications TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
DRIVER
Propagation Delay Input to Output
tPLH, tPHL
250
2000
ns
RL differential = 54 Ω, CL1 = CL2 = 100 pF, see
Figure 15, Figure 16
Driver Output Skew
tSKEW
100
800
ns
RL differential = 54 Ω, CL1 = CL2 = 100 pF, see
Figure 15
Driver Rise/Fall Time
tDR, tDF
250
2000
ns
RL differential = 54 Ω, CL1 = CL2 = 100 pF, see
Figure 15, Figure 16
Driver Enable to Output Valid
tZL, tZH
250
2000
ns
RL = 500 Ω, CL = 100 pF, see Figure 12, Figure 18
Driver Disable Timing
tLZ, tHZ
300
3000
ns
RL = 500 Ω, CL = 15 pF, see Figure 12, Figure 18
Maximum Data Rate
250
kbps
RECEIVER
Propagation Delay Input to Output
tPLH, tPHL
250
2000
ns
CL = 15 pF, see Figure 15, Figure 17
Skew
|tPLH − tPHL|
100
ns
Receiver Enable
tEN1
10
50
ns
RL = 1 kΩ, CL = 15 pF, see Figure 14, Figure 19
Receiver Disable
tEN2
10
50
ns
RL = 1 kΩ, CL = 15 pF, see Figure 14, Figure 19
Maximum Data Rate
250
kbps
Rev. B | Page 4 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com