Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM488ABRZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADM488ABRZ
Description  Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM488ABRZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM488ABRZ Datasheet HTML 5Page - Analog Devices ADM488ABRZ Datasheet HTML 6Page - Analog Devices ADM488ABRZ Datasheet HTML 7Page - Analog Devices ADM488ABRZ Datasheet HTML 8Page - Analog Devices ADM488ABRZ Datasheet HTML 9Page - Analog Devices ADM488ABRZ Datasheet HTML 10Page - Analog Devices ADM488ABRZ Datasheet HTML 11Page - Analog Devices ADM488ABRZ Datasheet HTML 12Page - Analog Devices ADM488ABRZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
ADM488A/ADM489A
Rev. B | Page 9 of 16
TEST CIRCUITS
VOC
R
R
VOD
Figure 11. Driver Voltage Measurement Test Circuit
VTST
60Ω
375Ω
375Ω
VOD3
Figure 12. Driver Enable/Disable Test Circuit
RL
S1
S2
VCC
A
B
0V OR 3V
DE IN
DE
CL
VOUT
Figure 13. Driver Voltage Measurement Test Circuit
RE
RE IN
–1.5V
+1.5V
S1
RL
S2
VCC
CL
VOUT
Figure 14. Receiver Enable/Disable Test Circuit
RLDIFF
CL1
CL2
D
R
RO
A
B
DI
3V
DE
Y
Z
RE
Figure 15. Driver/Receiver Propagation Delay Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com