Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM488ANZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADM488ANZ
Description  Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM488ANZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADM488ANZ Datasheet HTML 8Page - Analog Devices ADM488ANZ Datasheet HTML 9Page - Analog Devices ADM488ANZ Datasheet HTML 10Page - Analog Devices ADM488ANZ Datasheet HTML 11Page - Analog Devices ADM488ANZ Datasheet HTML 12Page - Analog Devices ADM488ANZ Datasheet HTML 13Page - Analog Devices ADM488ANZ Datasheet HTML 14Page - Analog Devices ADM488ANZ Datasheet HTML 15Page - Analog Devices ADM488ANZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADM488/ADM489
Rev. D | Page 13 of 16
The ADM488/ADM489 comfortably meet Classification 1 at
the most stringent (Level 3) requirement. In fact, field strengths
up to 30 V/m showed no performance degradation, and error-
free data transmission continued even during irradiation.
Table 9. Field Strengths
Level V/m
Field Strength
1
1
2
3
3
10
EMI EMISSIONS
The ADM488/ADM489 contain internal slew rate limiting to
minimize the level of electromagnetic interference generated.
Figure 27 shows an FFT plot when transmitting a 150 kHz data
stream.
10
0%
100
90
10dB/DIV
500kHz/DIV
05MHz
Figure 27. Driver Output Waveform and FFT Plot Transmitting at 150 kHz
The slew limiting attenuates the high frequency components.
EMI is, therefore, reduced, as are reflections due to improperly
terminated cables.
EN55022, CISPR22 defines the permitted limits of radiated and
conducted interference from information technology
equipment (ITE).
The objective is to control the level of both conducted and
radiated emissions.
For ease of measurement and analysis, conducted emissions are
assumed to predominate below 30 MHz, while radiated
emissions predominate above this frequency.
CONDUCTED EMISSIONS
Conducted emissions are a measure of noise that is conducted
onto the main power supply. The noise is measured using a
LISN (line impedance stabilizing network) and a spectrum
analyzer. The test setup is shown in Figure 28. The spectrum
analyzer is set to scan the spectrum from 0 MHz to 30 MHz.
Figure 29 shows that the level of conducted emissions from the
ADM488/ADM489 is well below the maximum allowable
limits.
DUT
LISN
PSU
SPECTRUM
ANALYZER
Figure 28. Conducted Emissions Test Setup
log FREQUENCY (0.15–30) (MHz)
0.3
0.6
1
36
10
30
80
0
70
40
30
20
10
60
50
LIMIT
Figure 29. Conducted Emissions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com