Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM488AR Datasheet(PDF) 5 Page - Analog Devices

Part # ADM488AR
Description  Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM488AR Datasheet(HTML) 5 Page - Analog Devices

  ADM488AR Datasheet HTML 1Page - Analog Devices ADM488AR Datasheet HTML 2Page - Analog Devices ADM488AR Datasheet HTML 3Page - Analog Devices ADM488AR Datasheet HTML 4Page - Analog Devices ADM488AR Datasheet HTML 5Page - Analog Devices ADM488AR Datasheet HTML 6Page - Analog Devices ADM488AR Datasheet HTML 7Page - Analog Devices ADM488AR Datasheet HTML 8Page - Analog Devices ADM488AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADM488/ADM489
Rev. D | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
VCC
7 V
Inputs
Driver Input (DI)
−0.3 V to VCC + 0.3 V
Control Inputs (DE, RE)
−0.3 V to VCC + 0.3 V
Receiver Inputs (A, B)
−14 V to +14 V
Outputs
Driver Outputs
−14 V to +12.5 V
Receiver Output
−0.5 V to VCC + 0.5 V
Power Dissipation 8-Lead PDIP
700 mW
θJA, Thermal Impedance
120°C/W
Power Dissipation 8-Lead SOIC
520 mW
θJA, Thermal Impedance
110°C/W
Power Dissipation 14-Lead PDIP
800 mW
θJA, Thermal Impedance
140°C/W
Power Dissipation 14-Lead SOIC
800 mW
θJA, Thermal Impedance
120°C/W
Power Dissipation 16-Lead TSSOP
800 mW
θJA, Thermal Impedance
150°C/W
Operating Temperature Range
Industrial (A Version)
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 10 sec)
300°C
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
ESD Association S5.1 HBM Standard
3 kV
EFT Rating, IEC1000-4-4
2 kV
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com