Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZPY10 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # ZPY10
Description  ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

ZPY10 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  ZPY10 Datasheet HTML 1Page - EIC discrete Semiconductors ZPY10 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ZPY3.9 - ZPY100
ZENER DIODES
VZ : 3.9 to 100V
PD : 1.3W
FEATURES :
• Silicon planar zener diodes
• For use in stabilizing and clipping circuits with
high power rating.
• Other tolerances are available upon request.
• These diodes are also available in the MELF case
with the type designation ZMY3.9 … ZMY100.
• Pb / RoHS Free
MECHANICAL DATA :
Case: DO-41 Glass Case
Weight: approx. 0.35g
Maximum Ratings and Thermal Characteristics
Rating at 25
°C ambient temperature unless otherwise specified.
Symbol
Value
Unit
Zener Current see Table "Characteristics"
Power Dissipation
PD
1.3
(1)
W
Thermal Resistance Junction to Ambient Air
RθJA
130
(1)
°C/W
Junction temperature
TJ
175
°C
Storage temperature range
TS
-55 to + 175
°C
Note:
(1) Valid provided that leads at a distance of 10mm from case are kept at ambient temperature.
Page 1 of 2
Rev. 03 : October 4, 2005
Parameter
DO - 41 Glass
(DO-204AL)
0.102(2.6 )max.
0.173 (4.4)
max.
0.034 (0.86)max.
Dimensions in inches and ( millimeters )
1.00 (25.4)
min.
1.00 (25.4)
min.
Cathode
Mark


Similar Part No. - ZPY10

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZPY10 DIODES-ZPY10 Datasheet
62Kb / 3P
SILICON PLANAR POWER ZENER DIODE
DS21404 Rev. D-3
logo
General Semiconductor
ZPY10 GE-ZPY10 Datasheet
217Kb / 5P
ZENER DIODES
logo
Vishay Siliconix
ZPY10 VISHAY-ZPY10 Datasheet
186Kb / 5P
Zener Diodes
02-May-02
logo
Diotec Semiconductor
ZPY10 DIOTEC-ZPY10 Datasheet
111Kb / 2P
Silicon-Power-Z-Diodes (non-planar technology)
ZPY10 DIOTEC-ZPY10 Datasheet
90Kb / 2P
Silicon Power Z-Diodes
More results

Similar Description - ZPY10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
ZENER DIODES DIODES ZENER
logo
EIC discrete Semiconduc...
1N4728CG EIC-1N4728CG Datasheet
33Kb / 2P
ZENER DIODES
HZ6L EIC-HZ6L Datasheet
30Kb / 2P
ZENER DIODES
logo
Fairchild Semiconductor
FLZ2V2_0609 FAIRCHILD-FLZ2V2_0609 Datasheet
625Kb / 8P
Zener Diodes
logo
Galaxy Semi-Conductor H...
BZG03C BILIN-BZG03C Datasheet
106Kb / 3P
ZENER DIODES
DL4728 BILIN-DL4728 Datasheet
195Kb / 3P
ZENER DIODES
BZY97 BILIN-BZY97 Datasheet
239Kb / 5P
ZENER DIODES
U1ZB6.8 BILIN-U1ZB6.8 Datasheet
155Kb / 3P
ZENER DIODES
logo
GOOD-ARK Electronics
ZPD1 GOOD-ARK-ZPD1 Datasheet
414Kb / 9P
Zener Diodes
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
ZENER DIODES Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com