Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLZ2V7 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TLZ2V7
Description  Z-Diodes
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLZ2V7 Datasheet(HTML) 3 Page - Vishay Siliconix

  TLZ2V7 Datasheet HTML 1Page - Vishay Siliconix TLZ2V7 Datasheet HTML 2Page - Vishay Siliconix TLZ2V7 Datasheet HTML 3Page - Vishay Siliconix TLZ2V7 Datasheet HTML 4Page - Vishay Siliconix TLZ2V7 Datasheet HTML 5Page - Vishay Siliconix TLZ2V7 Datasheet HTML 6Page - Vishay Siliconix TLZ2V7 Datasheet HTML 7Page - Vishay Siliconix TLZ2V7 Datasheet HTML 8Page - Vishay Siliconix TLZ2V7 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TLZ...
Vishay Semiconductors
Rev. A4, 08-JAug-02
3 (9)
www.vishay.com
Document Number 85635
Type
VZmin
.
VZmax.
at IZ
ZZmax
.
at IZ
ZZKmax.
at IZ
IRmax.
at
VR
IRmax2)
at
VR2)
Body
Mark-
(V)
(V)
(mA)
(
W)
(mA)
(
W)
(mA)
(
mA)
(V)
(
mA)
(V)
ing
TLZ6V2
5.78
6.44
20
10
20
300
1
5
3.0
0.1
1.0
6V2
TLZ6V2A
5.78
6.09
20
10
20
300
1
5
3.0
0.1
1.0
6A2
TLZ6V2B
5.96
6.27
20
10
20
300
1
5
3.0
0.1
2.0
6B2
TLZ6V2C
6.12
6.44
20
10
20
300
1
5
3.0
0.1
2.0
6C2
TLZ6V8
6.29
7.01
20
8
20
150
0.5
2
3.5
0.1
2.0
6V8
TLZ6V8A
6.29
6.63
20
8
20
150
0.5
2
3.5
0.1
2.0
6A8
TLZ6V8B
6.49
6.83
20
8
20
150
0.5
2
3.5
0.1
3.0
6B8
TLZ6V8C
6.66
7.01
20
8
20
150
0.5
2
3.5
0.1
3.0
6C8
TLZ7V5
6.85
7.67
20
8
20
120
0.5
0.5
4.0
0.1
3.0
7V5
TLZ7V5A
6.85
7.22
20
8
20
120
0.5
0.5
4.0
0.1
3.0
7A5
TLZ7V5B
7.07
7.45
20
8
20
120
0.5
0.5
4.0
0.1
4.0
7B5
TLZ7V5C
7.29
7.67
20
8
20
120
0.5
0.5
4.0
0.1
4.0
7C5
TLZ8V2
7.53
8.45
20
8
20
120
0.5
0.5
5.0
0.1
4.0
8V2
TLZ8V2A
7.53
7.92
20
8
20
120
0.5
0.5
5.0
0.1
4.0
8A2
TLZ8V2B
7.78
8.19
20
8
20
120
0.5
0.5
5.0
0.1
4.0
8B2
TLZ8V2C
8.03
8.45
20
8
20
120
0.5
0.5
5.0
0.1
4.0
8C2
TLZ9V1
8.29
9.30
20
8
20
120
0.5
0.5
6.0
–
–
9V1
TLZ9V1A
8.29
8.73
20
8
20
120
0.5
0.5
6.0
–
–
9A1
TLZ9V1B
8.57
9.01
20
8
20
120
0.5
0.5
6.0
–
–
9B1
TLZ9V1C
8.83
9.30
20
8
20
120
0.5
0.5
6.0
–
–
9C1
TLZ10
9.12
10.44
20
8
20
120
0.5
0.2
7.0
–
–
10
TLZ10A
9.12
9.59
20
8
20
120
0.5
0.2
7.0
–
–
10A
TLZ10B
9.41
9.90
20
8
20
120
0.5
0.2
7.0
–
–
10B
TLZ10C
9.70
10.20
20
8
20
120
0.5
0.2
7.0
–
–
10C
TLZ10D
9.94
10.44
20
8
20
120
0.5
0.2
7.0
–
–
10D
TLZ11
10.18
11.38
10
10
10
120
0.5
0.2
8.0
–
–
11
TLZ11A
10.18
10.71
10
10
10
120
0.5
0.2
8.0
–
–
11A
TLZ11B
10.50
11.05
10
10
10
120
0.5
0.2
8.0
–
–
11B
TLZ11C
10.82
11.38
10
10
10
120
0.5
0.2
8.0
–
–
11C
TLZ12
11.13
12.35
10
12
10
110
0.5
0.2
9.0
–
–
12
TLZ12A
11.13
11.71
10
12
10
110
0.5
0.2
9.0
–
–
12A
TLZ12B
11.44
12.03
10
12
10
110
0.5
0.2
9.0
–
–
12B
TLZ12C
11.74
12.35
10
12
10
110
0.5
0.2
9.0
–
–
12C
TLZ13
12.11
13.66
10
14
10
110
0.5
0.2
10
–
–
13
TLZ13A
12.11
12.75
10
14
10
110
0.5
0.2
10
–
–
13A
TLZ13B
12.55
13.21
10
14
10
110
0.5
0.2
10
–
–
13B
TLZ13C
12.99
13.66
10
14
10
110
0.5
0.2
10
–
–
13C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com