Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ABT08 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74ABT08
Description  Quad 2-input AND gate
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT08 Datasheet(HTML) 2 Page - NXP Semiconductors

  74ABT08 Datasheet HTML 1Page - NXP Semiconductors 74ABT08 Datasheet HTML 2Page - NXP Semiconductors 74ABT08 Datasheet HTML 3Page - NXP Semiconductors 74ABT08 Datasheet HTML 4Page - NXP Semiconductors 74ABT08 Datasheet HTML 5Page - NXP Semiconductors 74ABT08 Datasheet HTML 6Page - NXP Semiconductors 74ABT08 Datasheet HTML 7Page - NXP Semiconductors 74ABT08 Datasheet HTML 8Page - NXP Semiconductors 74ABT08 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74ABT08
Quad 2-input AND gate
2
1995 Sep 18
853-1806 15752
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C;
GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation
delay
An or Bn to Yn
CL = 50pF;
VCC =5V
2.4
1.9
ns
tOSLH
tOSHL
Output to
Output skew
VCC = 5V
0.4
ns
CIN
Input
capacitance
VI = 0V or VCC
3
pF
ICC
Total supply
current
Outputs disabled;
VCC = 5.5V
50
µA
PIN CONFIGURATION
14
13
12
11
10
9
8
7
6
5
4
3
2
1
GND
VCC
B2
A2
Y2
Y3
B3
A3
A0
B0
Y1
Y0
A1
B1
SA00342
LOGIC SYMBOL
B1
A0 B0 A1
A2 B2 A3 B3
Y0 Y1
Y2 Y3
36
8
11
12
4
5
9
10
12 13
VCC = Pin 14
GND = Pin 7
SA00343
LOGIC DIAGRAM
A0
B0
A1
B1
A2
Y0
B2
A3
B3
Y1
Y2
Y3
VCC = Pin 14
GND = Pin 7
3
6
8
11
1
2
4
5
9
10
12
13
SA00344
PIN DESCRIPTION
PIN
NUMBER
SYMBOL
NAME AND FUNCTION
1, 2, 4, 5, 9,
10, 12, 13
An-Bn
Data inputs
3, 6, 8, 11
Yn
Data outputs
7
GND
Ground (0V)
14
VCC
Positive supply voltage
LOGIC SYMBOL (IEEE/IEC)
1
2
4
5
9
10
12
13
&
3
6
8
11
SA00363
FUNCTION TABLE
INPUTS
OUTPUT
An
Bn
Yn
L
L
L
L
H
L
H
L
L
H
H
H
NOTES:
H = High voltage level
L
= Low voltage level
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
14-Pin Plastic DIP
–40
°C to +85°C
74ABT08 N
74ABT08 N
SOT27-1
14-Pin plastic SO
–40
°C to +85°C
74ABT08 D
74ABT08 D
SOT108-1
14-Pin Plastic SSOP Type II
–40
°C to +85°C
74ABT08 DB
74ABT08 DB
SOT337-1
14-Pin Plastic TSSOP Type I
–40
°C to +85°C
74ABT08 PW
74ABT08PW DH
SOT402-1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com