Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-R7200 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # EPC-R7200
Description  UIO40-Express I/O Expansion Boards
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-R7200 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  EPC-R7200 Datasheet HTML 1Page - Advantech Co., Ltd. EPC-R7200 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UIO40-Express Modules
UIO40-Express I/O Expansion Boards
UIO-4030
1 x RS-485
1 x RS-232
1 x 4 DIs & 4 DOs
Specifications
General
USB
–
RS-232
1 x 2 wires RS-232
RS-485
1 x RS-485
GPIO
4 DIs, 4 DOs (2.5~24V)
CAN Bus
–
GbE
–
Dimension
146 x 31 x 22 mm
Environment
Weight
180g
Operating Humidity
5 ~ 95% relative humidity,
non-condensing
Operating Temperature -40 ~ 85 °C
Storage Temperature
-40 ~ 85 °C and 60 °C @ 95% RH
Non-Condensing
Ordering Information
P/N
Description
UIO-4030
UIO-4030, 1 RS232, 4 DIs, 4 DOs,
1 RS-485
Compatible Main Boards
Part No.
Description
RSB-3430*D-P*A2E
RSB-3430 NXP i.MX6 Series 2.5" UIO Main Board
RSB-3720**-*CA2E
RSB-3720 NXP i.MX8M Plus Series 2.5" UIO Main Board
RSB-3710*O-X*A1E
RSB-3710 Rockchip RK3399 Series 2.5" UIO Main Board
RSB-3730*O-XNA1E
RSB-3730 NXP i.MX8M Mini Series 2.5" UIO Main Board
EPC-R7200IJ-ALA1**
EPC-R7200 NVIDIA Jetson Compatible UIO Barebones PC
* indicates different configurations, please refer to each main board's datasheet for complete P/N to order.
Specifications
General
USB
2 x USB 2.0
RS-232
2 x 2 wires RS-232
RS-485
–
GPIO
–
CAN Bus
–
GbE
1 x GbE
Dimension
146 x 31 x 22 mm
Environment
Weight
200g
Operating Humidity
5 ~ 95% relative humidity,
non-condensing
Operating Temperature -40 ~ 85 °C
Storage Temperature
-40 ~ 85 °C and 60 °C @ 95% RH
Non-Condensing
Ordering Information
P/N
Description
UIO-4032
UIO-4032, 1 GbE, 2 USB, 2 RS-232
Specifications
General
USB
–
RS-232
2 x 2 wires RS-232
RS-485
–
GPIO
–
CAN Bus
1 x CAN bus 2.0B, 1 Mbps
GbE
–
Dimension
146 x 31 x 22 mm
Environment
Weight
180g
Operating Humidity
5 ~ 95% relative humidity,
non-condensing
Operating Temperature -40 ~ 85 °C
Storage Temperature
-40 ~ 85 °C and 60 °C @ 95% RH
Non-Condensing
Ordering Information
P/N
Description
UIO-4034
UIO-4034, 1 CAN, 2 RS-232
UIO-4032
1 x GbE
2 x USB2.0
2 x RS-232
UIO-4034
1 x CAN bus
2 x RS-232
UIO40-Express Main Board Selection
RSB-3430 (NXP i.MX6)
View Online
RSB-3720 (NXP i.MX8M Plus)
View Online
RSB-3710 (Rockchip RK3399)
View Online
RSB-3730 (NXP i.MX8M Mini)
View Online
EPC-R7200 (NVIDIA Jetson Compatible)
View Online
All product specifications are subject to change without notice
Last updated: 20-Jun-2022


Similar Part No. - EPC-R7200

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EPC-R7200 ADVANTECH-EPC-R7200 Datasheet
1Mb / 3P
Industrial-Grade Nvidia Jetson Barebone Box PC
7-Sep-2022
EPC-R7200IJ-ALA100 ADVANTECH-EPC-R7200IJ-ALA100 Datasheet
1Mb / 3P
Industrial-Grade Nvidia Jetson Barebone Box PC
7-Sep-2022
EPC-R7200IJ-ALA120 ADVANTECH-EPC-R7200IJ-ALA120 Datasheet
1Mb / 3P
Industrial-Grade Nvidia Jetson Barebone Box PC
7-Sep-2022
EPC-R7200IJ-ALA140 ADVANTECH-EPC-R7200IJ-ALA140 Datasheet
1Mb / 3P
Industrial-Grade Nvidia Jetson Barebone Box PC
7-Sep-2022
EPC-R7200IJ-ALA160 ADVANTECH-EPC-R7200IJ-ALA160 Datasheet
1Mb / 3P
Industrial-Grade Nvidia Jetson Barebone Box PC
7-Sep-2022
More results

Similar Description - EPC-R7200

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
AN2001 MOTOROLA-AN2001 Datasheet
1Mb / 20P
Designing Expansion Boards
logo
List of Unclassifed Man...
VL-SPX-1 ETC2-VL-SPX-1 Datasheet
457Kb / 2P
Simplified I/O Expansion
logo
Analog Devices
ADP5589ACPZ-00-R7 AD-ADP5589ACPZ-00-R7 Datasheet
644Kb / 52P
Keypad Decoder and I/O Expansion
REV. B
ADP5585ACPZ-00-R7 AD-ADP5585ACPZ-00-R7 Datasheet
605Kb / 40P
Keypad Decoder and I/O Expansion
REV. C
logo
List of Unclassifed Man...
PB-24SM-A ETC2-PB-24SM-A Datasheet
75Kb / 1P
DIGITAL I/O MODULE MOUNTING BOARDS
PB-24C4 ETC-PB-24C4 Datasheet
59Kb / 1P
DIGITAL I/O MODULE MOUNTING BOARDS
logo
Advantech Co., Ltd.
AIMB-RP30P-03A1E ADVANTECH-AIMB-RP30P-03A1E Datasheet
252Kb / 1P
I/O Modules & Converter Boards
logo
Analog Devices
ADP5585 AD-ADP5585_V01 Datasheet
605Kb / 40P
Keypad Decoder and I/O Expansion
Rev. C
ADP5589 AD-ADP5589 Datasheet
644Kb / 52P
Keypad Decoder and I/O Expansion
Rev. B
logo
Advantech Co., Ltd.
UIO40 ADVANTECH-UIO40 Datasheet
637Kb / 2P
UIO40-Express I/O Expansion Boards
28-Jan-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com