Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RE1005CT-R500JN-2S Datasheet(PDF) 1 Page - Vishay Barry

Part # RE1005CT-R500JN-2S
Description  Aluminum Nitride
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry

RE1005CT-R500JN-2S Datasheet(HTML) 1 Page - Vishay Barry

  RE1005CT-R500JN-2S Datasheet HTML 1Page - Vishay Barry  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RE1005CT-XXXXJN-2S
Aluminum Nitride
SURFACE MOUNT RESISTOR
WWW.BARRYIND.COM
r
e
t
e
m
a
r
a
P
.
n
i
M
.
p
y
T
.
x
a
M
s
t
i
n
U
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P8
S
T
T
A
W
e
r
u
t
a
r
e
p
m
e
T
k
n
i
S
t
a
e
H0
0
1C
°
Features:
♦ AlN material
♦ 8 Watt power rating
♦ Surface Mount
General Description:
The RE1005CT-XXXX*JN-2S is a
50 Ohm standard surface mount resistor.
Its compact design is ideal for miniature
electronic assemblies. Other resistance
values available, please see below for
ordering options.
0 .5 ....R 5 0 0
1 0 .....1 0 R 0
5 0 .....5 0 R 0
1 0 0...1000
1 5 0...1500
1 K .....1 0 0 1
1 0 K ...1 0 0 2
10 0 K .1 00 3
4 70K .4 703
1 M ....1004
e
t
a
D
.
v
e
R
4
0
/
3
1
/
4
0
A
RoHS
COMPLIANT
TM
Barry Industries, Inc., 60 Walton St., Attleboro, MA 02703 T: 508-226-3350 F: 508-226-3317 E-mail: sales@barryind.com
Barry is ISO 9001:2000 Certified by
TUV
MANAGEMENT SERVICE
ISO 9001
*


Similar Part No. - RE1005CT-R500JN-2S

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
RE1005CT-R500JN-98 BARRY-RE1005CT-R500JN-98 Datasheet
176Kb / 1P
BeO
Rev.A 01/28/08
More results

Similar Description - RE1005CT-R500JN-2S

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
TA1000-800-10X BARRY-TA1000-800-10X Datasheet
63Kb / 1P
Aluminum Nitride
Rev.09/24/12
TA50R0-800-15X BARRY-TA50R0-800-15X Datasheet
68Kb / 1P
Aluminum Nitride
Revision Date 06/19/12
TV1005CT-50R0JN-2Q-01 BARRY-TV1005CT-50R0JN-2Q-01 Datasheet
157Kb / 1P
ALUMINUM NITRIDE
Rev.A 02/06/04
TA50R0-100-2X BARRY-TA50R0-100-2X Datasheet
158Kb / 1P
Aluminum Nitride
Rev.A 04/09/04
TA50R0-100-7X BARRY-TA50R0-100-7X Datasheet
128Kb / 1P
ALUMINUM NITRIDE
Rev.B 04/14/10
TVC2335CT-50R0GN-2T-15 BARRY-TVC2335CT-50R0GN-2T-15 Datasheet
549Kb / 1P
ALUMINUM NITRIDE
02/23/07
TVC3523CT-50R0GN-2T BARRY-TVC3523CT-50R0GN-2T Datasheet
160Kb / 1P
ALUMINUM NITRIDE
05/23/08
D06Z-50R0J2T-04C36-X BARRY-D06Z-50R0J2T-04C36-X Datasheet
176Kb / 1P
ALUMINUM NITRIDE
Rev.B 04/18/08
TVC3737CT-50R0JN-2T-04 BARRY-TVC3737CT-50R0JN-2T-04 Datasheet
178Kb / 1P
ALUMINUM NITRIDE
Rev.C 04/18/08
TZC3725CT-XXXXJN-2T-01 BARRY-TZC3725CT-XXXXJN-2T-01 Datasheet
191Kb / 1P
ALUMINUM NITRIDE
Rev.C 06/14/06
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com