Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR72L52 Datasheet(PDF) 21 Page - Exar Corporation

Part # XR72L52
Description  TWO CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
PDF  480 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR72L52 Datasheet(HTML) 21 Page - Exar Corporation

Back Button XR72L52 Datasheet HTML 17Page - Exar Corporation XR72L52 Datasheet HTML 18Page - Exar Corporation XR72L52 Datasheet HTML 19Page - Exar Corporation XR72L52 Datasheet HTML 20Page - Exar Corporation XR72L52 Datasheet HTML 21Page - Exar Corporation XR72L52 Datasheet HTML 22Page - Exar Corporation XR72L52 Datasheet HTML 23Page - Exar Corporation XR72L52 Datasheet HTML 24Page - Exar Corporation XR72L52 Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 480 page
background image
xr
XRT72L52
TWO CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
REV. 1.0.1
5
16
TxNEG[0]
O
Transmit Negative Polarity Pulse:
The exact role of this output pin depends upon whether the Framer is operating
in the Unipolar or Bipolar Mode.
Unipolar Mode:
This output signal pulses "High" for one bit period at the end of each outbound
DS3 or E3 frame. This output signal is at a logic "Low" for all of the remaining
bit-periods of the outbound DS3 or E3 frames
Bipolar Mode:
This output pin functions as one of the two dual-rail output signals that com-
mands the sequence of pulses to be driven on the line. TxPOS is the other out-
put pin. This input is typically connected to the TNDATA input of the external
DS3/E3 Line Interface Unit IC. When this output is asserted, it commands the
LIU to generate a negative polarity pulse on the line.
17
TxPOS[0]
O
Transmit Positive Polarity Pulse:
The exact role of this output pin depends upon whether the Framer is operating
in the Unipolar or Bipolar Mode.
Unipolar Mode:
This output pin functions as the Single-Rail output signal for the outbound DS3
or E3 data stream. The signal at this output pin is updated on the user-selected
edge of the TxLineClk signal.
Bipolar Mode:
This output pin functions as one of the two dual rail output signals that com-
mands the sequence of pulses to be driven on the line. TxNEG is the other out-
put pin. This input is typically connected to the TPDATA input of the external
DS3 or E3 Line Interface Unit IC. When this output is asserted, it commands the
LIU to generate a positive polarity pulse on the line
18
TxLineClk[0]
O
Transmit Line Interface Clock:
This clock signal is output to the Line Interface Framer along with the TxPOS
and TxNEG signals. This output clock signal provides the LIU with timing infor-
mation that it can use to generate the AMI pulses and deliver them over the
transmission medium to the Far-End Receiver. The source of this clock can be
configured to be either the RxLineClk from the Receiver portion of the Framer or
the TxInClk input. The nominal frequency of this clock signal is 34.368 MHz.
19
VDD
****
Power Supply 3.3V + 5%
20
TxFrameRef[0]
I
Transmit Framer Reference Input:
This input pin functions as the Transmit Frame Generation reference signal if the
XRT72L52 has been configured to operate in the Local-Time/Frame Slave
Mode. If the XRT72L52 has been configured to operate in the Local-Time/
Frame-Slave Mode, then the user's terminal equipment is expected to apply a
pulse to this input pin once every 106.4 microseconds for DS3 applications,
once every 125 microseconds for E3, ITU-T G.832 applications or once every
44.7 microseconds for E3, ITU-T G.751 applications.
In the Local-Time/Frame-Slave Mode, the Transmit Section of the XRT72L52
Framer initiates its generation of a new outbound DS3 or E3 frame upon the ris-
ing edge of this signal.
NOTE: To configure the XRT72L52 Framer to operate in the Local Time/Frame
Slave Mode, write "xxxx xx01" into the Framer Operating Mode Register
(Address = 0x00).
PIN DESCRIPTION
PIN #PIN NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com