Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ0805CB-R500FN-98 Datasheet(PDF) 1 Page - Vishay Barry

Part # RZ0805CB-R500FN-98
Description  BeO, Aluminum Nitride or BeO Free
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry

RZ0805CB-R500FN-98 Datasheet(HTML) 1 Page - Vishay Barry

  RZ0805CB-R500FN-98 Datasheet HTML 1Page - Vishay Barry  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RZ0805ZZ-XXXXYN-AA
SURFACE MOUNT RESISTOR
WWW.BARRYIND.COM
Features:
♦ BeO, Aluminum Nitride or
BeO FreeTM material
♦ Surface Mount
General Description:
The RZ0805ZZ-XXXXYN-AA series is a standard
surface mount resistor (.5 - 1 Meg- ohm available). It offers
a small package design available in BeO, Aluminum
Nitride or BeO FreeTM.
See below for ordering options
Dimensions in inches
Tolerance ± .005
unless otherwise stated
CT - Matte Tin over Nickel over Silver
CB - Tin/Lead over Nickel over Silver
F - 1%
G - 2%
J - 5%
K - 10%
L - 20%
X - Special
-83 - .025" BeO FREE
1.5 Watts
-98 - .025" BeO
5
Watts
-2S - .025" Aluminum Nitride 3
Watts
0.5....R500
1 ......1R00
10.....10R0
50.....50R0
100...1000
150...1500
1K.....1001
n
o
it
a
n
i
g
ir
O
e
t
a
D
n
o
i
s
i
v
e
R
e
t
a
D
.
v
e
R
4
0
/
3
1
/
4
7
0
/
5
2
/
9
B
Barry Industries, Inc., 60 Walton St., Attleboro, MA 02703 T: 508-226-3350 F: 508-226-3317 E-mail: sales@barryind.com
Barry is ISO 9001:2000 Certified by
TUV
MANAGEMENT SERVICE
ISO 9001
* Barry Industries reserves the right to change part number and or process without notification


Similar Part No. - RZ0805CB-R500FN-98

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
RZ0805CB-1000JN-2S BARRY-RZ0805CB-1000JN-2S Datasheet
179Kb / 2P
3W DC-4GHz AlN Chip Resistor
REV.C JUNE 15 2016
RZ0805CB-1000JN-2STR BARRY-RZ0805CB-1000JN-2STR Datasheet
179Kb / 2P
3W DC-4GHz AlN Chip Resistor
REV.C JUNE 15 2016
RZ0805CB-1000JN-2SWP BARRY-RZ0805CB-1000JN-2SWP Datasheet
179Kb / 2P
3W DC-4GHz AlN Chip Resistor
REV.C JUNE 15 2016
RZ0805CB-1000JN-98 BARRY-RZ0805CB-1000JN-98 Datasheet
179Kb / 2P
5W DC-4GHz BeO Chip Resistor
RZ0805CB-1000JN-98TR BARRY-RZ0805CB-1000JN-98TR Datasheet
179Kb / 2P
5W DC-4GHz BeO Chip Resistor
More results

Similar Description - RZ0805CB-R500FN-98

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
TZC2525CT-XXXXJN-83-01 BARRY-TZC2525CT-XXXXJN-83-01 Datasheet
123Kb / 1P
BeO FREE
Rev.A 03/09/09
RP0502ZZ-XXXXWN-YY BARRY-RP0502ZZ-XXXXWN-YY Datasheet
41Kb / 1P
BeO or Alumina
11/05/12
RP0504ZZ-XXXXWN-YY BARRY-RP0504ZZ-XXXXWN-YY Datasheet
41Kb / 1P
BeO or Alumina
Rev.A 11/23/11
RK0402ZZ-XXXXWN-YY BARRY-RK0402ZZ-XXXXWN-YY Datasheet
99Kb / 1P
BeO or Alumina
Rev.A 11/03/09
RK0502ZZ-XXXXWN-YY BARRY-RK0502ZZ-XXXXWN-YY Datasheet
170Kb / 1P
BeO or Alumina
11/02/07
RK1206ZZ-XXXXWN-YY BARRY-RK1206ZZ-XXXXWN-YY Datasheet
99Kb / 1P
Alumina, BeO Free, BeO and AlN
02/11/10
RE0805CT-XXXXJN-AA BARRY-RE0805CT-XXXXJN-AA Datasheet
185Kb / 1P
BeO, BeO FREE, or Alumina
Rev.B 03/25/08
REC1206CT-XXXXJN-83 BARRY-REC1206CT-XXXXJN-83 Datasheet
156Kb / 1P
BeO or BeO FREE
Rev.A 04/13/04
RY0805CT-XXXXJN-98 BARRY-RY0805CT-XXXXJN-98 Datasheet
168Kb / 1P
BeO or BeO FREE
Rev.B 04/08/04
AVC2525CT-0300JN-83-01 BARRY-AVC2525CT-0300JN-83-01 Datasheet
550Kb / 1P
BeO FREE
Rev.A 06/08/07
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com