Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT75L02 Datasheet(PDF) 9 Page - Exar Corporation

Part # XRT75L02
Description  TWO CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75L02 Datasheet(HTML) 9 Page - Exar Corporation

Back Button XRT75L02 Datasheet HTML 5Page - Exar Corporation XRT75L02 Datasheet HTML 6Page - Exar Corporation XRT75L02 Datasheet HTML 7Page - Exar Corporation XRT75L02 Datasheet HTML 8Page - Exar Corporation XRT75L02 Datasheet HTML 9Page - Exar Corporation XRT75L02 Datasheet HTML 10Page - Exar Corporation XRT75L02 Datasheet HTML 11Page - Exar Corporation XRT75L02 Datasheet HTML 12Page - Exar Corporation XRT75L02 Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
XRT75L02
xr
xr
xr
xr
TWO CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
REV. 1.0.3
7
93
34
RNEG_0/LCV_0
RNEG_1/LCV_1
O
Receive Negative Data Output/Line Code Violation Indicator -
Channel 0:
Receive Negative Data Output/Line Code Violation Indicator -
Channel 1:
In Dual Rail mode, a negative pulse is output through RNEG.
Line Code Violation Indicator - Channel n:
If configured in Single Rail mode then Line Code Violation will be output.
8
18
RRING_0
RRING_1
I
Receive Ring Input - Channel 0:
Receive Ring Input - Channel 1:
These pins along with RTIP receive the bipolar line signal from the remote
DS3/E3/STS-1 Terminal.
9
17
RTIP_0
RTIP_1
I
Receive TIP Input - Channel 0:
Receive TIP Input - Channel 1:
These pins along with RRING receive the bipolar line signal from the Remote
DS3/E3/STS-1 Terminal.
29
RxClkINV/
CS
I
Hardware Mode: RxClk INVERT
Host Mode: Chip Select:
Function of this pin depends on whether the XRT75L02 is configured to operate
in Hardware mode or Host mode.
In Hardware mode, setting this input pin “High” configures the Receiver Sec-
tion of all channels to invert the RxClk_n output signals and outputs the recov-
ered data via RPOS_n and RNEG_n on the falling edge of RxClk_n.
NOTE: If the XRT75L02 is configured in HOST mode, this pin functions as CS
input pin (please refer to the pin description for Microprocessor
Interface).
RECEIVE INTERFACE
PIN #
SIGNAL NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com