Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT75R03 Datasheet(PDF) 21 Page - Exar Corporation

Part # XRT75R03
Description  THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75R03 Datasheet(HTML) 21 Page - Exar Corporation

Back Button XRT75R03 Datasheet HTML 17Page - Exar Corporation XRT75R03 Datasheet HTML 18Page - Exar Corporation XRT75R03 Datasheet HTML 19Page - Exar Corporation XRT75R03 Datasheet HTML 20Page - Exar Corporation XRT75R03 Datasheet HTML 21Page - Exar Corporation XRT75R03 Datasheet HTML 22Page - Exar Corporation XRT75R03 Datasheet HTML 23Page - Exar Corporation XRT75R03 Datasheet HTML 24Page - Exar Corporation XRT75R03 Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 92 page
background image
xr
XRT75R03
THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
REV. 1.0.7
18
GENERAL CONTROL PINS
PIN #
SIGNAL NAME
TYPE
DESCRIPTION
65
SR/DR
I
Single-Rail/Dual-Rail Select Input - Chip Level
This input pin is used to configure the XRT75R03 to operate in either the Single-
Rail or Dual-Rail Mode.
If the XRT75R03 is configured to operate in the Single-Rail Mode, then all of the
following will happen.
• All of the B3ZS/HDB3 Encoder and Decoder blocks in the XRT75R03 will be
enabled.
• The Transmit Section of each channel will accept all of the outbound data
from the System-side Equipment via the TPDATA_n (or TxDATA_n) input pin.
• The Receive Section of each channel will output all of the recovered data to
the System-side Equipment via the RPOS output pin.
• Each of the RNEG/LCV output pins will now function as the LCV (Line Code
Violation or Excessive Zero Event) indicator output pin.
If the user configures the device to operate in the Dual-Rail Mode, then all of the
following will happen.
• All of the B3ZS/HDB3 Encoder and Decoder blocks in the XRT75R03 will be
disabled.·
• The Transmit Section of each channel will accept positive-polarity data via the
TPDATA_n input pin, and negative-polarity data via the TNDATA_n input pin.
• The Receive Section of each channel will pulse the RPOS_n output pin "High"
for one period of RCLK_n for each time a positive-polarity pulse is received via
the RTIP_n/RRING_n input pins
• Likewise, the Receive Section of each channel will also pulse the RNEG_n
output pin "High" for one period of RCLK_n for each time a negative-polarity
pulse is received via the RTIP_n/RRING_n input pins.
"Low" - Configures the XRT75R03 device to operate in the Dual-Rail Mode.
"High" - Configures the XRT75R03 device to operate in the Single-Rail Mode.
NOTES:
1.
This input pin is ignored and should be tied to GND if the XRT75R03
has been configured to operate in the Host Mode.
2.
This pin is internally pulled "Low".
76
94
85
E3_0
E3_1
E3_2
I
E3 Mode Select Input - Channel 0
E3 Mode Select Input - Channel1
E3 Mode Select Input - Channel 2
This input pin, along with the corresponding STS-1/DS3_n input pin is used the
to configure a given channel within the XRT75R03 into either the DS3, E3 or
STS-1 Modes.
"High" - Configures the corresponding channel to operate in the E3 Mode.
"Low" - Configures the corresponding channel to operate in either the DS3 or
STS-1 Modes, depending upon the setting of the corresponding STS-1/DS3_n
input pin.
NOTES:
1.
This input pin is ignored and should be tied to GND if the XRT75R03
has been configured to operate in the Host Mode.
2.
This input pin is internally pulled low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com