Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT75R06 Datasheet(PDF) 21 Page - Exar Corporation

Part # XRT75R06
Description  SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75R06 Datasheet(HTML) 21 Page - Exar Corporation

Back Button XRT75R06 Datasheet HTML 17Page - Exar Corporation XRT75R06 Datasheet HTML 18Page - Exar Corporation XRT75R06 Datasheet HTML 19Page - Exar Corporation XRT75R06 Datasheet HTML 20Page - Exar Corporation XRT75R06 Datasheet HTML 21Page - Exar Corporation XRT75R06 Datasheet HTML 22Page - Exar Corporation XRT75R06 Datasheet HTML 23Page - Exar Corporation XRT75R06 Datasheet HTML 24Page - Exar Corporation XRT75R06 Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 63 page
background image
áç
áç
áç
áç
XRT75R06
SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
REV. 1.0.0
18
3.0
THE RECEIVER SECTION
The receiver is designed so that the LIU can recover clock and data from an attenuated line signal caused by
cable loss or flat loss according to industry specifications.
Once data is recovered, it is processed and
presented at the receiver outputs according to the format chosen to interface with a Framer/Mapper or ASIC.
This section describes the detailed operation of various blocks within the receive path. A simplified block
diagram of the receive path is shown in Figure 6.
FIGURE 6. RECEIVE PATH BLOCK DIAGRAM
3.1
Receive Line Interface
Physical Layer devices are AC coupled to a line interface through a 1:1 transformer. The transformer provides
isolation and a level shift by blocking the DC offset of the incoming data stream. The typical medium for the
line interface is a 75
Ω coxial cable. Whether using E3, DS-3 or STS-1, the LIU requires the same bill of
materials, see Figure 7.
FIGURE 7. RECEIVE LINE INTERFACECONNECTION
Channel n
HDB3/
B3ZS
Decoder
MUX
AGC/
Equalizer
Peak Detector
LOS
Detector
Slicer
Jitter
Attenuator
Clock & Data
Recovery
RxClk_n
RxPOS_n
RxNEG/LCV_n
RLOS_n
RTIP_n
RRing_n
DS-3/E3/STS-1
1:1
Receiver
75
Ω
RLOS_n
RTIP_n
RRing_n
37.5
Ω
0.01
µF
37.5
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com