Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL28IV Datasheet(PDF) 3 Page - Exar Corporation

Part # XRT83SL28IV
Description  8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL28IV Datasheet(HTML) 3 Page - Exar Corporation

  XRT83SL28IV Datasheet HTML 1Page - Exar Corporation XRT83SL28IV Datasheet HTML 2Page - Exar Corporation XRT83SL28IV Datasheet HTML 3Page - Exar Corporation XRT83SL28IV Datasheet HTML 4Page - Exar Corporation XRT83SL28IV Datasheet HTML 5Page - Exar Corporation XRT83SL28IV Datasheet HTML 6Page - Exar Corporation XRT83SL28IV Datasheet HTML 7Page - Exar Corporation XRT83SL28IV Datasheet HTML 8Page - Exar Corporation XRT83SL28IV Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
xr
XRT83SL28
REV. 1.0.0
8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
3
FEATURES
• Fully integrated 8-Channel short haul transceivers for E1 (2.048MHz) applications.
• Internal Impedance matching on both receive and transmit for 75Ω (E1) or 120Ω (E1) applications.
• Tri-State on a per channel basis for the transmit selection.
• On-Chip transmit short-circuit protection and limiting protects line drivers from damage on a per channel
basis.
• Independent Crystal-Less digital jitter attenuators (JA) with 32-Bit or 64-Bit FIFO for the receive or transmit
paths
• Driver failure monitor output (DMO) alerts of possible system or external component problems.
• Transmit outputs and receive inputs may be "High" impedance for protection or redundancy applications on a
per channel basis.
• Support for automatic protection switching.
• 1:1 and 1+1 protection without relays.
• RLOS/AIS according to ITU-T G.775 or ETSI-300-233.
• On-Chip HDB3 encoder/decoder for each channel.
• On-Chip digital clock recovery circuit for high input jitter tolerance.
• Line code error and bipolar violation detection.
• Transmit all ones (TAOS) for the Transmit and Receive Outputs.
• Supports local analog, remote, and digital loopback modes.
• Supports gapped clocks for mapper/multiplexer applications.
• Low Power dissipation
• Single 3.3V supply operation (3V to 5V I/O tolerant).
• 144-Pin TQFP package
• -40°C to +85°C Temperature Range
PRODUCT ORDERING INFORMATION
PRODUCT NUMBER
PACKAGE TYPE
OPERATING TEMPERATURE RANGE
XRT83SL28IV
144 Lead TQFP
-40°C to +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com