Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCUB20 Datasheet(PDF) 1 Page - Switchcraft, Inc.

Part # PCUB20
Description  VERTICAL STRAIGHT TYPE-B USB 2.0, RoHS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

PCUB20 Datasheet(HTML) 1 Page - Switchcraft, Inc.

  PCUB20 Datasheet HTML 1Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.47
12.0
0.43
11.0
NOTES:
MATERIALS:
1.
HOUSING - THERMOPLASTIC, WHITE
TERMINALS - COPPER ALLOY, GOLD PLATED ON CONTACT AREA
TIN PLATED ON SOLDER TAILS
SHELL - COPPER ALLOY, NICKEL PLATED
SPRING CLIP - STAINLESS STEEL
REAR SHELL - STEEL, NICKEL PLATED
ELECTRICAL CHARACTERISTICS:
2.
CONTACT RESISTANCE - 30m OHM MAX
INSULATION RESISTANCE - 100M OHM MIN @ 100V DC
CURRENT RATING - 1.5A MAX
DIELECTRIC WITHSTAND VOLTAGE - 500V AC FOR 1 MINUTE
OPERATING TEMPERATURE: -25°C TO +85°C
3.
4. THIS PART IS RoHS COMPLIANT.
PIN 1
PIN 2
PIN 4
PIN 3
0.63
16.1
0.76
19.2
0.098
2.50
0.098
2.50
0.126
3.20
2X 0.091
2.30
4X 0.036
0.92
0.098
2.50
0.126
3.20
0.474
12.04
0.028
0.70
PCB LAYOUT
COMPONENT SIDE VIEW
SCALE 3:1
2
1
3
4
0.024
0.60
0.58
14.8
0.48
12.3
0.83
21.2
DO NOT SCALE DRAWING
REVISIONS
APVD
BY
DATE
ECO NUMBER
REV
REV
PART No.
NAME
OF
SHEET
APVD
CHKD
BY
DATE DRAWN
SCALE
FIRST USED ON
SPEC No.
SPEC No.
MATERIAL
FINISH
UNLESS OTHERWISE SPECIFIED
TEMPER
LBS/M
MULT
WIDTH
SIZE
THIS DRAWING DESCRIBES A DESIGN CONSIDERED PROPRIETARY IN NATURE, DEVELOPED AND MANUFACTURED
BY SWITCHCRAFT INC. AND IS RELEASED ON A CONFIDENTIAL BASIS FOR IDENTIFICATION PURPOSES ONLY.
B
A
28548
10/26/22 PC
TJK
-
3:1
8/24/22
TS
TS
10/19/22
TS
10/19/22
1
1
VERTICAL STRAIGHT
TYPE-B USB 2.0, RoHS
PCUB20
A
1. ALL DIMENSIONS IN INCHES [mm]
- TWO PLACE DECIMALS
0.02 [0.5]
- THREE PLACE DECIMALS
0.008 [0.20]
SolidWorks CAD File
CUSTOMER DRAWING


Similar Part No. - PCUB20

ManufacturerPart #DatasheetDescription
logo
AG Electronica
PCU-SVT-18AWG-3M-B AGELECTRONICA-PCU-SVT-18AWG-3M-B Datasheet
155Kb / 1P
CABLE DE ALIMENTACIÓN 127VCA CON CLAVIJA POLARIZADA
25/01/2021
logo
Red Lion Controls. Inc
PCU01000 REDLION-PCU01000 Datasheet
1Mb / 96P
THE PROCESS CONTROL UNIT
logo
Power-One
PCU10 POWER-ONE-PCU10 Datasheet
51Kb / 2P
Controller Module
logo
List of Unclassifed Man...
PCU100-01 ETC-PCU100-01 Datasheet
421Kb / 2P
COMPACT KVM-OVER-IP PLUS LOCAL ACCESS FOR DISTRIBUTED SERVER MANAGEMENT
logo
Red Lion Controls. Inc
PCU10000 REDLION-PCU10000 Datasheet
1Mb / 96P
THE PROCESS CONTROL UNIT
More results

Similar Description - PCUB20

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
61400413321 WURTH-61400413321 Datasheet
485Kb / 2P
USB 2.0 TYPE B VERTICAL
614004141221 WURTH-614004141221 Datasheet
288Kb / 1P
USB 2.0 TYPE B VERTICAL BLACK
614105150721 WURTH-614105150721 Datasheet
664Kb / 3P
MICRO USB 2.0 TYPE B - VERTICAL - THT
629104142721 WURTH-629104142721 Datasheet
604Kb / 1P
USB 2.0 B FEMALE VERTICAL SMD TYPE
logo
Kycon, Inc.
KMMVX KYCON-KMMVX Datasheet
527Kb / 1P
Vertical Mount Micro USB 2.0 Type B Socket
logo
Bel Fuse Inc.
SS-52300-001 BEL-SS-52300-001 Datasheet
499Kb / 1P
USB 2.0 Type-B Connectors
logo
Switchcraft, Inc.
PCMB20AUETR SWITCH-PCMB20AUETR Datasheet
313Kb / 2P
VERTICAL MICRO USB TYPE-B 2.0, RoHS
Rev. A
RAHMB20AUETR SWITCH-RAHMB20AUETR Datasheet
296Kb / 2P
RIGHT ANGLE SMT MICRO USB TYPE-B 2.0, RoHS
Rev. A
RAHPCUB20 SWITCH-RAHPCUB20 Datasheet
180Kb / 1P
RIGHT ANGLE TYPE-B USB 2.0, RoHS
Rev. A
RAHUB20 SWITCH-RAHUB20 Datasheet
165Kb / 1P
RIGHT ANGLE SMT TYPE-B USB 2.0, RoHS
Rev. A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com