Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAVPCUA20 Datasheet(PDF) 1 Page - Switchcraft, Inc.

Part # RAVPCUA20
Description  RIGHT ANGLE TYPE-A USB 2.0, RoHS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

RAVPCUA20 Datasheet(HTML) 1 Page - Switchcraft, Inc.

  RAVPCUA20 Datasheet HTML 1Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.57
14.4
0.54
13.7
0.11
2.8
0.217
5.50
0.152
3.85
0.128
3.25
0.280
7.10
0.492
12.50
0.202
5.12
PIN 1
PIN 4
PIN 4
PIN 1
0.244
6.20
0.055
1.40
0.165
4.20
0.54
13.7
4X 0.033
0.85
4X 0.075
1.90
4X 0.055
1.40
0.055
1.40
0.165
4.20
0.128
3.26
0.151
3.84
0.185
4.70
PCB LAYOUT
COMPONENT SIDE
SCALE 6 : 1
4
3
2
1
NOTES:
MATERIALS:
1.
HOUSING - THERMOPLASTIC, BLACK
SHELL - COPPER ALLOY, NICKEL PLATED
TERMINALS - COPPER ALLOY, GOLD PLATED ON CONTACT AREA
TIN PLATED ON SOLDER TAIL
ELECTRICAL CHARACTERISTICS:
2.
CONTACT RESISTANCE - 30m OHMS MAX
INSULATION RESISTANCE - 1000M OHMS MIN @ 500V DC
CURRENT RATING - 1.5A MAX
DIELECTRIC WITHSTANDING - 500V AC FOR 1 MINUTE
OPERATING TEMPERATURE - 25°C TO +85°C
3.
THIS PART IS RoHS COMPLIANT.
4.
DO NOT SCALE DRAWING
REVISIONS
APVD
BY
DATE
ECO NUMBER
REV
REV
PART No.
NAME
OF
SHEET
APVD
CHKD
BY
DATE DRAWN
SCALE
SPEC No.
SPEC No.
MATERIAL
FINISH
UNLESS OTHERWISE SPECIFIED
TEMPER
LBS/M
MULT
WIDTH
SIZE
THIS DRAWING DESCRIBES A DESIGN CONSIDERED PROPRIETARY IN NATURE, DEVELOPED AND MANUFACTURED
BY SWITCHCRAFT INC. AND IS RELEASED ON A CONFIDENTIAL BASIS FOR IDENTIFICATION PURPOSES ONLY.
B
A
28548
10/26/22 PC
TJK
4:1
8/26/22
MK
MK
10/27/22
MK
10/27/22
1
1
RIGHT ANGLE TYPE-A
USB 2.0, RoHS
RAVPCUA20
A
1. ALL DIMENSIONS IN INCHES [mm]
- TWO PLACE DECIMALS
0.02 [0.5]
- THREE PLACE DECIMALS
0.008 [0.20]
SolidWorks CAD File
CUSTOMER DRAWING
FIRST USED ON


Similar Part No. - RAVPCUA20

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
RAV-BWZ-2A OKAYA-RAV-BWZ-2A Datasheet
121Kb / 2P
SURGE PROTECTIVE DEVICES
RAV-BWZ-3C OKAYA-RAV-BWZ-3C Datasheet
90Kb / 1P
SURGE PROTECTIVE DEVICES
RAV-BWZ-4 OKAYA-RAV-BWZ-4 Datasheet
120Kb / 2P
SURGE PROTECTIVE DEVICES
RAV-L-A OKAYA-RAV-L-A Datasheet
70Kb / 1P
SURGE PROTECTIVE DEVICES
RAV-LD OKAYA-RAV-LD Datasheet
79Kb / 1P
SURGE PROTECTIVE DEVICES
More results

Similar Description - RAVPCUA20

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
RAHMB20AUETR SWITCH-RAHMB20AUETR Datasheet
296Kb / 2P
RIGHT ANGLE SMT MICRO USB TYPE-B 2.0, RoHS
Rev. A
RAHPC2UA20 SWITCH-RAHPC2UA20 Datasheet
183Kb / 1P
RIGHT ANGLE DUAL TYPE-A USB 2.0, RoHS
Rev. A
RAHPC2UA30E SWITCH-RAHPC2UA30E Datasheet
204Kb / 1P
RIGHT ANGLE USB TYPE-A 3.0, RoHS
Rev. A
RAHPCUA20 SWITCH-RAHPCUA20 Datasheet
298Kb / 1P
RIGHT ANGLE USB TYPE-A 2.0, RoHS
Rev. A
RAHPCUA20E SWITCH-RAHPCUA20E Datasheet
175Kb / 1P
RIGHT ANGLE USB TYPE-A 2.0, MALE, RoHS
Rev. A
RAHPCUA30E SWITCH-RAHPCUA30E Datasheet
215Kb / 1P
RIGHT ANGLE USB TYPE-A 3.0, RoHS
Rev. A
RAHPCUB20 SWITCH-RAHPCUB20 Datasheet
180Kb / 1P
RIGHT ANGLE TYPE-B USB 2.0, RoHS
Rev. A
RAHUA20E SWITCH-RAHUA20E Datasheet
197Kb / 1P
RIGHT ANGLE SMT USB TYPE-A 2.0, RoHS
Rev. A
RAHUA30E SWITCH-RAHUA30E Datasheet
290Kb / 1P
RIGHT ANGLE SMT USB TYPE-A 3.0, RoHS
Rev. A
RAHUB20 SWITCH-RAHUB20 Datasheet
165Kb / 1P
RIGHT ANGLE SMT TYPE-B USB 2.0, RoHS
Rev. A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com