Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT5894 Datasheet(PDF) 7 Page - Exar Corporation

Part # XRT5894
Description  Four-Channel E1 Line Interface (3.3V or 5.0V)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT5894 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRT5894 Datasheet HTML 3Page - Exar Corporation XRT5894 Datasheet HTML 4Page - Exar Corporation XRT5894 Datasheet HTML 5Page - Exar Corporation XRT5894 Datasheet HTML 6Page - Exar Corporation XRT5894 Datasheet HTML 7Page - Exar Corporation XRT5894 Datasheet HTML 8Page - Exar Corporation XRT5894 Datasheet HTML 9Page - Exar Corporation XRT5894 Datasheet HTML 10Page - Exar Corporation XRT5894 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
XRT5894
7
Rev. 1.10
ELECTRICAL CHARACTERISTICS (CONT’D)
Test Conditions: VCC = 3.3V or 5.0V + 5%, TA = -40 to 25 to 85°C, Unless Otherwise Specified
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
Power Specifications VCC =5.0V (Cont’d)
PC
Power Consumption 120W
1075
1345
mW
All 1’s Transmit and Receive
PC
Power Consumption 75W
1025
1300
mW
50% data density, Transmit and Re-
ceive
PC
Power Consumption 120W
940
1220
mW
50% data density, Transmit and Re-
ceive
AC Electrical Characteristics
VTXOUT
Output Pulse Amplitude
(RL = 75W)
2.13
2.37
2.60
V
Trans. = 1:2 ratio, 9.1W in series
with each end of primary
VTXOUT
Output Pulse Amplitude
(RL = 120W)
2.70
3.0
3.30
V
Trans. = 1:2 ratio, 9.1W in series
with each end of primary
TXPW
Output Pulse Width
224
244
264
ns
PNIMP
Pos/Neg Pulse Unbalanced
5
%
T1
TXCLK Clock Period (E1)
488
ns
T2
TXCLK Duty Cycle
30
50
70
%
TSU
Data Set-up Time, TDATA to
TXCLK
75
ns
50% TXCLK Duty Cycle
THO
Data Hold Time, TDATA to
TXCLK
30
ns
50% TXCLK Duty Cycle
TR
TXCLK Rise Time (10% to 90%)
40
ns
TF
TXCLK Fall Time (10% to 90%)
40
ns
T3-noclk
Data Prop. Delay No-Clock
Mode
35
50
ns
T3-clk
Data Prop. Delay Clock Mode
470
ns
50% TXCLK Duty Cycle
T4
Receive Data High
219
244
269
ns
0dB Cable Loss
T5
RX Data Prop. Delay
40
ns
15pF Load
T6
Receive Rise Time
40
ns
15pF Load
T7
Receive Rise Time
40
ns
15pF Load
Note:
Bold face parameters are covered by production test and guaranteed over operating temperature range.
ABSOLUTE MAXIMUM RATINGS
Storage Temperature
-65°C to +150°C
. . . . . . . . . . . .
Operating Temperature
-40°C to +85°C
. . . . . . . . . .
Supply Voltage
-0.3V to +6.0V
. . . . . . . . . . . . . . . . . . .
ESD Protection
>1000V (HBM)
. . . . . . . . . . . . . . . . . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com