Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT5897 Datasheet(PDF) 7 Page - Exar Corporation

Part # XRT5897
Description  Seven-Channel E1 Line Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT5897 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRT5897 Datasheet HTML 3Page - Exar Corporation XRT5897 Datasheet HTML 4Page - Exar Corporation XRT5897 Datasheet HTML 5Page - Exar Corporation XRT5897 Datasheet HTML 6Page - Exar Corporation XRT5897 Datasheet HTML 7Page - Exar Corporation XRT5897 Datasheet HTML 8Page - Exar Corporation XRT5897 Datasheet HTML 9Page - Exar Corporation XRT5897 Datasheet HTML 10Page - Exar Corporation XRT5897 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
XRT5897
7
Rev. 1.11
ELECTRICAL CHARACTERISTICS
Test Conditions: VCC = 3.3V + 5%, TA = -40 to 25 to 75°C, Unless Otherwise Specified
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
DC Electrical Characteristics
Parameters
VCC
Voltage Supply
3.135
3.3
3.465
V
3.3V operation
Inputs
VIH
Input High Level
2.0
5.0
V
VIL
Input Low Level
0.8
V
Outputs
VOH
Output High Level
2.4
V
IOH = -4mA
VOL
Output Low Level
0.4
V
IOL = 4mA
Receiver Specifications
RXCL
Allowable Cable Loss
0
12
dB
Cable loss at 1.024MHz (Relative
to 0dB = 2.37Vp measured from
RTIP or RRING to ground).
RXIM
Interference Margin
-15
-12
dB
With 6dB cable loss
RXXI
Receiver Slicing Threshold
45
50
55
%
% of peak input voltage at -3dB
cable loss
RXLOSSET
LOS Must Be Set If RX Sig.
Atten. ² 32dB (For Any Valid
Data Pattern)
15
dB
Relative to 0dB = 2.37Vp
Measured from RTIP or RRING to
ground.
RXLOSCLR LOS Must Be Cleared If RX Sig.
Atten. < 9dB
13
dB
Relative to 0dB = 2.37Vp
measured from RTIP or RRING to
ground.
RXLOSHYST Hysteresis on Input Data
2
dB
For LOS output state change
RXIN
Input Impedance
5
kW
Up to 3.072MHz (Measured from
RTIP or RRING to ground).
Jitter Tolerance:
20Hz
10
UIpp
700Hz
5
UIpp
10kHz -- 100kHz
0.3
UIpp
Return Loss:
51khz -- 102kHz
14
dB
Per ITU--T G.703
102kHz -- 2048kHz
20
dB
2048kHz -- 3072kHz
16
dB
Power Specifications VCC = 3.3V
PD
Power Dissipation
715
920
mW
All 1’s Transmit and Receive 75W
PD
Power Dissipation
117
155
mW
All Drivers Power Down
PC
Power Consumption 75W
1260
1465
mW
All 1’s Transmit and Receive
PC
Power Consumption 75W
880
1065
mW
50% data density, Transmit and Re-
ceive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com