Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12DL080CIVS Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12DL080CIVS
Description  Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12DL080CIVS Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button ADC12DL080CIVS Datasheet HTML 16Page - National Semiconductor (TI) ADC12DL080CIVS Datasheet HTML 17Page - National Semiconductor (TI) ADC12DL080CIVS Datasheet HTML 18Page - National Semiconductor (TI) ADC12DL080CIVS Datasheet HTML 19Page - National Semiconductor (TI) ADC12DL080CIVS Datasheet HTML 20Page - National Semiconductor (TI) ADC12DL080CIVS Datasheet HTML 21Page - National Semiconductor (TI) ADC12DL080CIVS Datasheet HTML 22Page - National Semiconductor (TI) ADC12DL080CIVS Datasheet HTML 23Page - National Semiconductor (TI) ADC12DL080CIVS Datasheet HTML 24Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Applications Information (Continued)
4.0 POWER SUPPLY CONSIDERATIONS
The power supply pins should be bypassed with a 10 µF
capacitor and with a 0.1 µF ceramic chip capacitor near each
power pin. Leadless chip capacitors are preferred because
they have low series inductance.
As is the case with all high-speed converters, the
ADC12DL080 is sensitive to power supply noise. Accord-
ingly, the noise on the analog supply pin should be kept
below 100 mV
P-P.
No pin should ever have a voltage on it that is in excess of
the supply voltages, not even on a transient basis. Be espe-
cially careful of this during power turn on and turn off.
The V
DR pin provides power for the output drivers and may
be operated from a supply in the range of 2.4V to V
D. This
can simplify interfacing to lower voltage devices and sys-
tems. Note, however, that t
OD increases with reduced VDR.
DO NOT operate the V
DR pin at a voltage higher than VD.
5.0 LAYOUT AND GROUNDING
Proper grounding and proper routing of all signals are es-
sential to ensure accurate conversion. Maintaining separate
analog and digital areas of the board, with the ADC12DL080
between these areas, is required to achieve specified per-
formance.
The ground return for the data outputs (DR GND) carries the
ground current for the output drivers. The output current can
20169413
FIGURE 4. Application Circuit using Transformer Drive Circuit
20169418
FIGURE 5. Optional Amplifier Drive for Circuit in Figure 4
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com