Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFP-GSX/LC Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # SFP-GSX/LC
Description  4-Port Gigabit Base Ethernet Card
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SFP-GSX/LC Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  SFP-GSX/LC Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Programmable Automation Controllers
UNOP-1514RE/PE
UNOP-1514C
4-Port Gigabit Base Ethernet Card
4-port Fiber Optic LAN Card
UNOP-1514C
UNOP-1514RE/PE
RoHS
COMPLIANT
2002/95/EC
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice
Date Updated: 7-Dec-2015
NEW
NEW
Specifications
General
ƒ
Connector
120-pin connector for UNO-4673A/4683 series PCIe
ƒ
Bus Interface
PCI Express® x 1 compliant
ƒ
Dimensions
5.3" x 6.0" (136 x 150 mm)
ƒ
Power Consumption
5V ±5% @ 400mA typical
ƒ
Certification
CE/FCC
UNOP-1514PE
ƒ
Connector
SFP
ƒ
Ports
4
ƒ
Compatibility
IEEE 802.3 Ethernet interface
ƒ
Speed
1000M bps
UNOP-1514RE
ƒ
Connector
RJ45
ƒ
Ports
4
ƒ
Compatibility
IEEE 802.3 Ethernet interface
ƒ
Speed
10/100/1000M bps
Environment
ƒ
Operating Temp.
-20 ~ 70°C (-4 ~158°F)
ƒ
Operating Humidity
10 ~ 90% RH non-condensing
(refer to IEC 60068-2-3)
ƒ
Storage Humidity
5 ~ 95% RH non-condensing (refer to IEC 60068-2-3)
Ordering Information
ƒ
UNOP-1514RE-AE
4-port RJ45 Gigabit Base Ethernet Card
ƒ
UNOP-1514PE-AE
4-port SFP Gigabit Base Ethernet Card
Accessories
ƒ
SFP-GTX/RJ45
1000Base RJ45 SFP module
ƒ
SFP-GSX/LC
1000Base-SX Multi-mode SFP module
ƒ
SFP-GLX/LC-10
1000Base-LX Single-mode SFP module (10 km)
ƒ
SFP-GLX/LC-20
1000Base-LX Single-mode SFP module (20 km)
ƒ
SFP-GLX/LC-40
1000Base-LX Single-mode SFP module (40 km)
Specifications
General
ƒ
Connector
120-pin connector for UNO-4673A/PCI
ƒ
Dimensions
5.3" x 6.0" (136 x 150 mm)
ƒ
Power Consumption
5V ± 5% @ 2000 (at least) mA
ƒ
Certification
CE/FCC
Fiber Optic LAN
ƒ
Standard
IEEE 802.3, 802.3u, 802.3x LAN 100Base-FX
ƒ
Transmission
Up to 2 km
Distance
ƒ
Wavelength
1300 nm
ƒ
Transmission Speed
Up to 100 Mbps
Interface
ƒ
Connectors
4 x SC type Multi-mode Fiber Optic connector
ƒ
LED Indicators
Active, Link (100Base-FX)
ƒ
Power Consumption
Max. 10W
Environment
ƒ
Operating Temp.
-20 ~ 70°C (-4 ~158°F)
ƒ
Operating Humidity
10 ~ 90% RH noncondensing (refer to IEC 60068-2-3)
ƒ
Storage Humidity
5 ~ 95% RH non-condensing (refer to IEC 60068-2-3)
Ordering Information
ƒ
UNOP-1514C-AE
4-port Fiber Optic LAN Card for UNO-4673A


Similar Part No. - SFP-GSX/LC

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SFP-GSX/LC-AE ADVANTECH-SFP-GSX/LC-AE Datasheet
290Kb / 2P
Small Form-Factor Pluggable SFP. SFP and XFP Modules
22-Apr-2019
More results

Similar Description - SFP-GSX/LC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATCA-3150 ETC2-ATCA-3150 Datasheet
454Kb / 2P
24-port Gigabit Ethernet Base Interface switch
logo
ORing Industrial Networ...
IGCS-E131GP ORING-IGCS-E131GP Datasheet
844Kb / 3P
Industrial 4-port PCIe unmanaged Gigabit Ethernet switch card
IGCS-E140 ORING-IGCS-E140 Datasheet
909Kb / 3P
Industrial 4-port PCIe unmanaged Gigabit Ethernet switch
IGPCS-E131GP ORING-IGPCS-E131GP Datasheet
789Kb / 3P
Industrial 4-port PCIe unmanaged Gigabit PoE Ethernet switch card
IGPCS-E140 ORING-IGPCS-E140 Datasheet
754Kb / 3P
Industrial 4-port PCIe unmanaged Gigabit PoE Ethernet
logo
Microsemi Corporation
VSC7511 MICROSEMI-VSC7511 Datasheet
4Mb / 324P
4-Port Layer-2 Gigabit Ethernet Switch
logo
Advantech Co., Ltd.
ECU-P1524PE ADVANTECH-ECU-P1524PE Datasheet
248Kb / 1P
2-Port SFP Gigabit Base Ethernet Card with HSR/PRP
27-Jun-2018
logo
Black Box Registered Tr...
SW-114 BLACKBOX-SW-114 Datasheet
1Mb / 4P
EMBEDDED INDUSTRIAL 4 PORT GIGABIT ETHERNET SWITCH
SW-514 BLACKBOX-SW-514 Datasheet
1Mb / 4P
COMPACT INDUSTRIAL 4 PORT GIGABIT ETHERNET SWITCH
SW-584 BLACKBOX-SW-584 Datasheet
1Mb / 4P
INDUSTRIAL 1 SFP & 4 PORT GIGABIT ETHERNET SWITCH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com