Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGS20-025AS Datasheet(PDF) 2 Page - IXYS Corporation

Part # DGS20-025AS
Description  Gallium Arsenide Schottky Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DGS20-025AS Datasheet(HTML) 2 Page - IXYS Corporation

  DGS20-025AS Datasheet HTML 1Page - IXYS Corporation DGS20-025AS Datasheet HTML 2Page - IXYS Corporation DGS20-025AS Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© 2004 IXYS All rights reserved
2 - 3
IXYS reserves the right to change limits, test conditions and dimensions
DGS 19-025AS
DGS
20-025A(S)
DGSK 40-025A(S)
0,0
0,5
1,0
1,5
2,0
2,5
0,01
0,1
1
10
0,00001
0,0001
0,001
0,01
0,1
1
10
0,01
0,1
1
10
t
s
K/W
0,1
1
10
100
1000
10
100
C
J
I
F
A
V
F
V
R
V
pF
V
Z
thJC
T
VJ =
125°C
25°C
T
VJ = 125°C
300
30
Single Pulse
DGS 20-022/025A
TO-252
TO-220
Fig. 1 typ. forward characteristics
Fig. 2 typ. junction capacity
versus blocking voltage
Fig. 3 typ. thermal impedance junction to case
Note:
explanatory comparison of the basic operational behaviour of rectifier diodes and Gallium Arsenide
Schottky diodes:
conduction
forward characteristics
turn off characteristics
turn on characteristics
by majority + minority carriers
V
F (IF)
extraction of excess carriers
causes temperature dependant
reverse recovery (t
rr, IRM, Qrr)
delayed saturation leads to V
FR
Rectifier Diode
by majority carriers only
V
F (IF), see Fig. 1
reverse current charges
junction capacity C
J, see Fig. 2;
not temperature dependant
no turn on overvoltage peak
GaAs Schottky Diode



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com