Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6603WS11 Datasheet(PDF) 21 Page - EM Microelectronic - MARIN SA

Part # EM6603WS11
Description  Ultra Low Power Multi I/O Microcontroller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6603WS11 Datasheet(HTML) 21 Page - EM Microelectronic - MARIN SA

Back Button EM6603WS11 Datasheet HTML 17Page - EM Microelectronic - MARIN SA EM6603WS11 Datasheet HTML 18Page - EM Microelectronic - MARIN SA EM6603WS11 Datasheet HTML 19Page - EM Microelectronic - MARIN SA EM6603WS11 Datasheet HTML 20Page - EM Microelectronic - MARIN SA EM6603WS11 Datasheet HTML 21Page - EM Microelectronic - MARIN SA EM6603WS11 Datasheet HTML 22Page - EM Microelectronic - MARIN SA EM6603WS11 Datasheet HTML 23Page - EM Microelectronic - MARIN SA EM6603WS11 Datasheet HTML 24Page - EM Microelectronic - MARIN SA EM6603WS11 Datasheet HTML 25Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
EM6603
03/02 REV. G/439
Copyright
 2002, EM Microelectronic-Marin SA
21
www.emmicroelectronic.com
11 Serial (Output) Write Buffer – SWB
The EM6603 has a simple Serial Write Buffer (SWB) which outputs serial data and serial clock.
The SWB is enabled by setting the bit V03 in the CLKSWB register as well as setting port D to output mode.
The combination of the possible PortD mode is shown in Table 34. In SWB mode the serial clock is output on
port D0 and the serial data is output on port D1.
The signal TestVar[3], which is used by the processor to make conditional jumps, indicates "Transmission
finished" in automatic send mode or "SWBbuffer empty" in interactive send mode. In interactive mode,
TestVar[3] is equivalent to the interrupt request flags stored in IntRq register : it permits to recognize the
interrupt source. (See also the interrupt handling section 9.Interrupt Controller for further information). To serve
the "SWBbuffer empty " interrupt request, one only has to make a conditional jump on TestVar[3].
Table 34.SWB clock selection
The Serial Write Buffer output clock frequency is
selected by bits ClkSWB0 and ClkSWB1 in the
ClkSWB register. The possible values are 1kHz
(default), 2kHz, 8kHz or 16kHz and are shown in
Table 34.
Table 35.SWB clock selection register - ClkSWB
Bit
Name
Reset
R/W
Description
3
V03
0
R/W
Serial Write buffer selection
2
-
0
R
RESERVED - read 0
1
CkSWB1
0
R/W
SWB clock selector 1
0
CkSWB0
0
R/W
SWB clock selector 0
Table 36.PortD status
PortD status
CIOPD
V03
PD0
PD1
PD2
PD3
« NORMAL »
0
0
input
input
input
input
« NORMAL »
0
1
input
input
input
input
« NORMAL »
1
0
output PD0
output PD1
output PD2
output PD3
« SWB »
1
1
serial clock Out
SWB serial data
output PD2
output PD3
When the SWB is enabled by setting the bit V03 TestVar[3], which is used to make conditional jumps, is
reassigned to the SWB and indicates either "SWBbuffer empty " interrupt or "Transmission finished" . After
Power-on-RESET V03 is cleared at "0" and TestVar[3] is consequently assigned to PA2 input terminal.
The SWB data is output on the rising edge of the clock. Consequently, on the receiver side the serial data can
be evaluated on falling edge of the serial clock edge.
SWB clock output
CkSWB1
CkSWB0
1024 Hz
0
0
2048 Hz
0
1
8192 Hz
1
0
16384 Hz
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com