Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS951413 Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICS951413
Description  Programmable System Clock Chip for ATI RS400 P4-based Systems
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS951413 Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS951413 Datasheet HTML 5Page - Integrated Circuit Systems ICS951413 Datasheet HTML 6Page - Integrated Circuit Systems ICS951413 Datasheet HTML 7Page - Integrated Circuit Systems ICS951413 Datasheet HTML 8Page - Integrated Circuit Systems ICS951413 Datasheet HTML 9Page - Integrated Circuit Systems ICS951413 Datasheet HTML 10Page - Integrated Circuit Systems ICS951413 Datasheet HTML 11Page - Integrated Circuit Systems ICS951413 Datasheet HTML 12Page - Integrated Circuit Systems ICS951413 Datasheet HTML 13Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9
Integrated
Circuit
Systems, Inc.
ICS951413
0929C—03/07/05
SMBus Table: Frequency Select Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
FS Source
Latched Input or SMBus
Frequency Select
RW
Latched
Inputs
SMBus
0
Bit 6
CPU FS3
(SS_EN)
CPU Freq Select Bit3
(Spread Enable)
RW
OFF
ON
0
Bit 5
Reserved
Reserved
RW
Reserved
Reserved
X
Bit 4
CK410#
CPU Freq Select Bit 4
RW
Latched
Bit 3
Reserved
Reserved
RW
0
Bit 2
CPU FS_C
CPU Freq Select Bit 2
RW
Latched
Bit 1
CPU FS_B
CPU Freq Select Bit 1
RW
Latched
Bit 0
CPU FS_A
CPU Freq Select Bit 0
RW
Latched
NOTE: Byte 5 Bit 4 must also set to "1" in order to enable spread for SRC and ATIG clocks
SMBus Table: Output Control Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
PCICLK0
Output Enable
RW
Disable
Enable
1
Bit 6
CPUCLK2
Output Enable
RW
Disable
Enable
1
Bit 5
USB_48MHz
Output Enable
RW
Disable
Enable
1
Bit 4
REF0
Output Enable
RW
Disable
Enable
1
Bit 3
REF1
Output Enable
RW
Disable
Enable
1
Bit 2
REF2
Output Enable
RW
Disable
Enable
1
Bit 1
CPUCLK0
Output Enable
RW
Disable
Enable
1
Bit 0
CPUCLK1
Output Enable
RW
Disable
Enable
1
SMBus Table: CLKREQB# Output Control Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
REQBSRC7
CLKREQB# Controls
SRC7
RW
Does not
control
Controls
0
Bit 6
REQBSRC6
CLKREQB# Controls
SRC6
RW
Does not
control
Controls
0
Bit 5
REQBSRC5
CLKREQB# Controls
SRC5
RW
Does not
control
Controls
0
Bit 4
REQBSRC4
CLKREQB# Controls
SRC4
RW
Does not
control
Controls
0
Bit 3
REQBSRC3
CLKREQB# Controls
SRC3
RW
Does not
control
Controls
0
Bit 2
CPU0_Stop_En
0 = CPU is free-run
1 = CPU is stopped by
CPU_STOP#
RW
Free-Run
Stoppable
1
Bit 1
Reserved
RW
Reserved
Reserved
X
Bit 0
REQBSRC0
CLKREQB# Controls
SRC0
RW
Does not
control
Controls
0
NOTE: CPU0_Stop_En (Byte2, bit 2) only exists in devices with REV ID = 2 or higher
Byte 0
-
-
-
-
See Table 1: CPU
Frequency Selection
Table
-
-
-
-
Byte 1
50
41,40
4
54
53
52
47,46
43,42
Byte 2
12,13
16,17
18,19
22,23
24,25
47,46
-
34,33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com