Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2452 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2452
Description  220V Monolithic Triple Channel 17 MHz DC Coupled CRT DTV Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2452 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2452 Datasheet HTML 1Page - National Semiconductor (TI) LM2452 Datasheet HTML 2Page - National Semiconductor (TI) LM2452 Datasheet HTML 3Page - National Semiconductor (TI) LM2452 Datasheet HTML 4Page - National Semiconductor (TI) LM2452 Datasheet HTML 5Page - National Semiconductor (TI) LM2452 Datasheet HTML 6Page - National Semiconductor (TI) LM2452 Datasheet HTML 7Page - National Semiconductor (TI) LM2452 Datasheet HTML 8Page - National Semiconductor (TI) LM2452 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LM2452
220V Monolithic Triple Channel 17 MHz DC Coupled CRT
DTV Driver
General Description
The LM2452 is a triple channel high voltage DC coupled
CRT driver circuit designed for use in DTV applications. The
IC contains three high input impedance, wide band amplifi-
ers which directly drive the RGB cathodes of a CRT. Each
amplifier has a summing input where the DC level of the
output is controlled by a low voltage DC input voltage. Nor-
mally the DC input voltage is from a DAC. Each channel has
its gain internally set to −54 and can drive CRT capacitive
loads as well as resistive loads present in other applications,
limited only by the package’s power dissipation.
The IC is packaged in a 15-lead TO-247 molded plastic
power package designed specifically to meet high voltage
spacing requirements. See Thermal Considerations section.
Features
n
17 MHz bandwidth
n
100V black level adjustment range using 0V to 5V input
n
Current output for IK feedback systems
n
Greater than 130V
P-P output swing capability
n
0V to 5V input voltage range
n
Stable with 0 pF–20 pF capacitive loads and inductive
peaking networks
n
Convenient TO-247 staggered thin lead package style
Applications
n
DC coupled HDTV applications using the 1080i format
as well as standard NTSC and PAL formats.
Connection Diagram
Schematic Diagram
20144501
FIGURE 1. Top View
Order Number LM2452TB
See NS Package Number TB15A
20144502
FIGURE 2. Simplified Schematic Diagram
(One Channel)
December 2005
© 2005 National Semiconductor Corporation
DS201445
www.national.com


Similar Part No. - LM2452

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2450 NSC-LM2450 Datasheet
1Mb / 12P
220V Monolithic Triple Channel 7 MHz DC Coupled CRT DTV Driver
logo
Texas Instruments
LM2450 TI1-LM2450 Datasheet
3Mb / 14P
Monolithic Triple Channel 7 MHz DC Coupled CRT DTV Driver
logo
National Semiconductor ...
LM2451 NSC-LM2451 Datasheet
1Mb / 12P
220V Monolithic Triple Channel 12 MHz DC Coupled CRT DTV Driver
logo
Texas Instruments
LM2451 TI1-LM2451 Datasheet
3Mb / 14P
Monolithic Triple Channel 12 MHz DC Coupled CRT DTV Driver
logo
National Semiconductor ...
LM2451TB NSC-LM2451TB Datasheet
1Mb / 12P
220V Monolithic Triple Channel 12 MHz DC Coupled CRT DTV Driver
More results

Similar Description - LM2452

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2423 NSC-LM2423 Datasheet
733Kb / 11P
220V Monolithic Triple Channel 15 MHz CRT DTV Driver
LM2425 NSC-LM2425 Datasheet
1Mb / 11P
220V Monolithic Triple Channel 10 MHz CRT DTV Driver
LM2422 NSC-LM2422 Datasheet
603Kb / 8P
220V Monolithic Triple Channel 30 MHz CRT DTV Driver
LM2451 NSC-LM2451 Datasheet
1Mb / 12P
220V Monolithic Triple Channel 12 MHz DC Coupled CRT DTV Driver
LM2450 NSC-LM2450 Datasheet
1Mb / 12P
220V Monolithic Triple Channel 7 MHz DC Coupled CRT DTV Driver
LM2423 NSC-LM2423_06 Datasheet
1Mb / 11P
220V Monolithic Triple Channel 15 MHz CRT DTV Driver
LM2422_0505 NSC-LM2422_0505 Datasheet
602Kb / 8P
220V Monolithic Triple Channel 30 MHz CRT DTV Driver
LM2422TE NSC-LM2422TE Datasheet
1Mb / 13P
220V Monolithic Triple Channel 30 MHz CRT DTV Driver
logo
Texas Instruments
LM2450 TI1-LM2450 Datasheet
3Mb / 14P
Monolithic Triple Channel 7 MHz DC Coupled CRT DTV Driver
LM2451 TI1-LM2451 Datasheet
3Mb / 14P
Monolithic Triple Channel 12 MHz DC Coupled CRT DTV Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com