Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M906-01 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # M906-01
Description  VCSO BASED GBE CLOCK GENERATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M906-01 Datasheet(HTML) 7 Page - Integrated Circuit Systems

  M906-01 Datasheet HTML 1Page - Integrated Circuit Systems M906-01 Datasheet HTML 2Page - Integrated Circuit Systems M906-01 Datasheet HTML 3Page - Integrated Circuit Systems M906-01 Datasheet HTML 4Page - Integrated Circuit Systems M906-01 Datasheet HTML 5Page - Integrated Circuit Systems M906-01 Datasheet HTML 6Page - Integrated Circuit Systems M906-01 Datasheet HTML 7Page - Integrated Circuit Systems M906-01 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
M906-01 Datasheet Rev 3.2
7 of 8
Revised 15Jun2006
Integ r ated Circuit Systems, Inc. ● Communications Modules ● www.ics t.com ● tel (508) 852-5400
M906-01
VCSO BASED GBE CLOCK GENERATOR
Prod uct Data Sh eet
Integrated
Circuit
Systems, Inc.
DEVICE PACKAGE - 9 x 9mm CERAMIC LEADLESS CHIP CARRIER
Mechanical Dimensions:
Figure 6: Device Package - 9 x 9mm Ceramic Leadless Chip Carrier
Note 1: See Ordering Information on pg. 8
Refer to the SAW PLL application notes web page at
www.icst.com/products/appnotes/SawPllAppNotes.htm
for application notes, including recommended PCB
footprint, solder mask, and furnace profile.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com