Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBB0207 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MBB0207
Description  Lead (Pb)-Free Precision Leaded Resistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBB0207 Datasheet(HTML) 2 Page - Vishay Siliconix

  MBB0207 Datasheet HTML 1Page - Vishay Siliconix MBB0207 Datasheet HTML 2Page - Vishay Siliconix MBB0207 Datasheet HTML 3Page - Vishay Siliconix MBB0207 Datasheet HTML 4Page - Vishay Siliconix MBB0207 Datasheet HTML 5Page - Vishay Siliconix MBB0207 Datasheet HTML 6Page - Vishay Siliconix MBB0207 Datasheet HTML 7Page - Vishay Siliconix MBB0207 Datasheet HTML 8Page - Vishay Siliconix MBB0207 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Document Number: 28725
For technical questions contact: ff3cresistors@vishay.com
www.vishay.com
Revision: 20-Sep-05
57
MBA 0204, MBB 0207, MBE 0414 - Precision
Lead (Pb)-Free Precision Leaded Resistors
Vishay Beyschlag
12NC INFORMATION
• The resistors have a 12-digit numeric code starting with
2312.
• The subsequent 4 digits indicate the resistor type,
specification and packing; see the 12NC Ordering Code table.
• The remaining 4 digits indicate the resistance value:
– The first 3 digits indicate the resistance value.
– The last digit indicates the resistance decade in
accordance with the 12NC Indicating Resistance
Decade table.
Last Digit of 12NC Indicating Resistance Decade
12NC Example
The 12NC code of a MBA 0204 resistor, value 47 k
Ω and TC
25 with
± 0.1 % tolerance, supplied on bandolier in a box of
5000 units is: 2312 906 74703.
RESISTANCE DECADE
LAST DIGIT
10
Ω to 99.9 Ω
9
100
Ω to 999 Ω
1
1 k
Ω to 9.99 kΩ
2
10 k
Ω to 99.9 kΩ
3
100 k
Ω to 999 kΩ
4
1M
Ω to 9.99 MΩ
5
Resistance ranges printed in bold are preferred T.C. / tolerance combinations with optimized availability.
12NC - resistor type and packing
DESCRIPTION
ORDERING CODE 2312 ... .....
BANDOLIER IN BOX
TYPE
T.C.
TOL.
C1 1 000 units
CT 5000 units
MBA 0204
± 25 ppm/K
± 0.25 %
901 6....
906 6....
± 0.1 %
901 7....
906 7....
±15 ppm/K
± 0.25 %
902 6....
907 6....
± 0.1 %
902 7....
907 7....
MBB 0207
± 25 ppm/K
± 0.25 %
911 6....
916 6....
± 0.1 %
911 7....
916 7....
± 15 ppm/K
± 0.25 %
912 6....
917 6....
± 0.1 %
912 7....
917 7....
MBE 0414
± 25 ppm/K
± 0.25 %
921 6....
−
± 0.1 %
921 7....
−
± 15 ppm/K
± 0.25 %
922 6....
−
± 0.1 %
922 7....
−
NOTE: Products can be ordered using either the 12NC or the PRODUCT DESCRIPTION. The PART NUMBER is shown to facilitate the
introduction of the unified part numbering system. Currently, this PART NUMBER is applicable in the Americas only.
PART NUMBER AND PRODUCT DESCRIPTION
PART NUMBER: MBA02040D4702BCT
MB
A
0
2
040
D
470
2B
C
T
P0
MODEL/SIZE
SPECIAL CHARACTER
TC
VALUE
TOLERANCE
PACKING
SPECIAL
MBA0204
MBB0207
MBE0414
0 = neutral
E = ± 15 ppm/K
D = ± 25 ppm/K
3 digit value
1 digit multiplier
MULTIPLIER
7 = *10-3 2 = *102
8 = *10-2 3 = *103
9 = *10-1 4 = *104
0 = *100 5 = *105
1 = *101 6 = *106
B = ± 0.1 %
C = ± 0.25 %
CT
C1
up to 2 digits
00 = standard
PRODUCT DESCRIPTION: MBA 0204 -25 0.1% CT 47K
MBA
0204
-25
0.1 %
CT
47K
MODEL
SIZE
TC
TOLERANCE
PACKING1)
RESISTANCE VALUE
MBA
MBB
MBE
0204
0207
0414
± 15 ppm/K
± 25 ppm/K
± 0.1 %
± 0.25 %
CT
C1
47K = 47K
Ω
50R1 = 50.1
Ω
1) Please refer to table PACKING, page 3.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com