Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD1803DFX Datasheet(PDF) 3 Page - STMicroelectronics

Part # MD1803DFX
Description  High voltage NPN Power transistor for standard definition CRT display
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MD1803DFX Datasheet(HTML) 3 Page - STMicroelectronics

  MD1803DFX Datasheet HTML 1Page - STMicroelectronics MD1803DFX Datasheet HTML 2Page - STMicroelectronics MD1803DFX Datasheet HTML 3Page - STMicroelectronics MD1803DFX Datasheet HTML 4Page - STMicroelectronics MD1803DFX Datasheet HTML 5Page - STMicroelectronics MD1803DFX Datasheet HTML 6Page - STMicroelectronics MD1803DFX Datasheet HTML 7Page - STMicroelectronics MD1803DFX Datasheet HTML 8Page - STMicroelectronics MD1803DFX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MD1803DFX
Electrical characteristics
3/10
2
Electrical characteristics
(TCASE = 25°C; unless otherwise specified)
Table 3.
Electrical characteristics
1 Pulsed duration = 300
µs, duty cycle ≤1.5%.
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICES
Collector cut-off current
(VBE = 0)
VCE = 1500V
VCE = 1500V
Tc= 125°C
0.2
2
mA
mA
IEBO
Emitter cut-off current
(IC = 0)
VEB = 5V
40
120
mA
V(BR)EBO
Emitter-base breakdown voltage
(IC = 0)
IE = 700 mA
10
V
VCE(sat)
Note 1
Collector-emitter saturation
voltage
IC = 5 A
IB = 1.25 A
2V
VBE(sat)
Note 1
Base-emitter saturation voltage
IC = 5 A
IB = 1.25 A
1.2
V
hFE
Note 1
DC current gain
IC = 1 A
VCE = 5 V
IC = 5 A
VCE = 1 V
IC = 5 A
VCE = 5 V
5
18
5
8
Vf
Diode forward voltage
IF= 5 A
1.6
V
ts
tf
Inductive load
Storage time
Fall time
IC = 4A ___ _ _
fh = 16KHz
IB(on) = 0.6A__
VBE(off) = -2.7V
LBB(off) = 4.5µH
2.5
0.3
3
0.6
µs
µs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com