Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3CH480LE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3CH480LE
Description  Low Voltage, High-Bandwidth, 4-Channel 2:1 Mux/Demux, NanoSwitch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3CH480LE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3CH480LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3CH480LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3CH480LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3CH480LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3CH480LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3CH480LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3CH480LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3CH480LE Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
PS8728A
04/23/04
PI3CH480
Low Voltage, High-Bandwidth, 4-Channel
2:1 Mux/Demux, NanoSwitch™
Storage Temperature ................................................ –65°C to +150°C
Ambient Temperature with Power Applied ............... –40°C to +85°C
Supply Voltage to Ground Potential ........................... –0.5V to +4.6V
DC Input Voltage ........................................................ –0.5V to +6.0V
DC Output Current................................................................... 120mA
Power Dissipation ....................................................................... 0.5W
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at these
or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect re-
liability.
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
DC Electrical Characteristics, 3.3V Supply (Over Operating Range, TA = –40°C to +85°C, VCC = 3.3V ± 10%)
DC Electrical Characteristics, 2.5V Supply (Over Operating Range, TA = –40°C to +85°C, VCC = 2.5V ± 10%)
Parameters
Description
Test Conditions(1)
Min.
Typ(2)
Max. Units
VIH
Input HIGH Voltage
Guaranteed Logic HIGH Level
2.0
V
VIL
Input LOW Voltage
Guaranteed Logic LOW Level
–0.5
0.8
VIK
Clamp Diode Voltage
VCC = Min., IIN = –18 mA
-1.3
–1.8
IIH
Input HIGH Current
VCC = Max., VIN = VCC
±1
µA
IIL
Input LOW Current
VCC = Max., VIN = GND
±1
IOZH
High Impedance Output Current 0 ≤ Y, IN ≤ VCC
±1
RON
Switch On Resistance(4)
VCC = Min., VIN = 0.0V,
ION = 48 mA or -64mA
4
6
Ω
VCC = Min., VIN = 3.6V, ION = -15 mA
5
8
Parameters(5)
Description
Test Conditions
Min.
Typ.
Max.
Units
VIH
Input HIGH Voltage
Guaranteed Logic HIGH Level
1.8
–
VCC + 0.3
V
VIL
Inout LOW Voltage
Guaranteed Logic LOW Level
–0.3
–
0.8
VIK
Clamp Diode Voltage
VCC = Max., IIN = –6mA
–
–0.7
–1.8
IIH
Input HIGH Current
VCC = Max., VIN = VCC
–
–
±1
µA
IIL
Input LOW Current
VCC = Max., VIN = GND
–
–
±1
IOZH
High Impedance Current(3)
0 ≤ Y, In ≤ VCC
–
–
±1
RON
Switch On Resistance(4)
VCC = Min., VIN =0.0V,
ION = –48mA
–
6
8
Ω
VCC = Min., VIN = 2.25V,
ION = -15mA
–
7
14



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com