Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSHA Datasheet(PDF) 3 Page - Amphenol Industrial Products Group.

Part # OSHA
Description  UL 1977 Effortless & Arcless Din Connectors 160A/320A/430A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIO [Amphenol Industrial Products Group.]
Direct Link  https://www.amphenol-industrial.com/
Logo AIO - Amphenol Industrial Products Group.

OSHA Datasheet(HTML) 3 Page - Amphenol Industrial Products Group.

  OSHA Datasheet HTML 1Page - Amphenol Industrial Products Group. OSHA Datasheet HTML 2Page - Amphenol Industrial Products Group. OSHA Datasheet HTML 3Page - Amphenol Industrial Products Group.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Please contact us at
eeaaxxttrroonn@
@aam
mpphheennooll--aaiioo..ccoom
m for more information.
ONE LOADER FOR ALL OUR CONTACTS
NO ADDITIONAL PIECES
LOCKING ADAPTOR
The clip on contact loader to make wiring the connectors
easier. After crimping or soldering contacts to wires, one
needs to only clip them (including auxiliaries, air tubes &
pilot contacts) to the contact loader to be clipped securely
as one in the housing. Reliable. Safe & Easy.
Everything you need comes ready with instructions for you or
your customers to safely install
the connectors. No additional
adaption is required. Simply install, safely use & reliably trust
these patented battery connectors.
Auxillary contacts
Air tubes or pilot contacts
COLOR CODED CABLE CLAMPS
RELIABLE: PREVENT CABLE DAMAGE
AIO’s cable clamps are also self-centering; they will
maintain your wires in proper position and preserve
the integrity of the cable.
Cable clamp cap
Cable clamp bottom
Self-centering cable clamp
Identify battery voltages easily thanks to
the color coded cable
clamps. In addition to the coding pins,
AIO’s cable clamps
allow you to track different battery voltages and types from a
distance to avoid any mismatch in use.
Kit of Cable Clamp:
24 V
36 V
48 V
72 V
80 V
Red
Grey
Blue
Green
Black
The cap and bottom cable clamps are the same for males and females, and
available
for 160A
, 320A and 430A connectors.
amphenol-industrial.com/eaxtron
© 2022 All Rights Reserved. Amphenol Industrial Operations
The locking adapter makes the handle interoperable
and easily affixed on
the Male or Female Connector & DSC Solution.
Safe
Durable
Please contact us at
eeaaxxttrroonn@
@aam
mpphheennooll--aaiioo..ccoom
m for more information.
HOW TO ORDER
amphenol-industrial.com/eaxtron
© 2022 All Rights Reserved. Amphenol Industrial Operations
Cable Clamp and Accessories
1
2
3
Cable Clamp
(Color / Voltage) or Clamp Screws
Current Capability
CC
(Eaxtron Cable Clamp)
RD
Red= 24v
160
160 A
GY
Grey= 36v
320
320A / 430A
BE
Blue= 48v
GN
Green= 72v
BK
Black= 80v
Screws
1000
Standard Cable Clamp Screws (package of 50)
2000
Max Cable Screws- 320A connectors (package of 50)
Examples: CCBK320 (Cable Clamp; Black 80V; 320 Amps) or CC1000 (Standard Cample Clamp Screws)
Connector (please choose one code per position, below)
1
2
3
4
5
6
Connector Kit
Current Capability
Contact Gender
Handle Length
Handle
Wire Size
K
(Eaxtron Series)
160
160 A
F
Female/ Vortex
Clip™ Socket
S
Short
(Female Only
- Optional)
H
Standard
(Female Only
- Required)
1/0
1/0 (50mm
²)
Available for 160 and 320
2/0
2/0 (70mm
²)
Available for 320 only
320
320 A
M
Male/Pin
Left blank for Male/Pin Gender
3/0
3/0 (95mm
²)
430
430 A
4/0
4/0 (120mm
²) Available for 320 and 430
Example: K160M1/0 (Eaxtron Connector Plug Kit; 160A rated; Male Pin; 1/0 Wire Size); K320FSH4/0 (Eaxtron Connector Socket Kit; 320A rated; Female
Socket; w/ Short Handle; 4/0 Wire Size); K320FH2/0 (Eaxtron Connector Socket Kit; 320A rated; Female Socket; Standard Handle; 2/0 Wire Size)
Handles
1
2
Handle Type
Current Capability
LHDOR
Long Handle
160
160 A
LPHDOR
Low Profile Short Orange Handle
320
320A / 430A
LHM
Handle
Example: LPHDOR160 (Low Profile Short Orange Handle; 160 Amps)
Contacts
Part Number
Description
Main Contacts
FMC1607
Female Main Contacts 160A, 50mm² AWG 1/0, (Pk of 2)
MMC1606
Male Main Contacts 160A, 50mm² AWG 1/0, (Pk of 2)
MMC3200
Male Main Contacts 320A, 50mm² AWG 1/0, (Pk of 2)
MMC3202
Male Main Contacts 320A, 70mm² AWG 2/0, (Pk of 2)
MMC3204
Male Main Contacts 320A, 95mm² AWG 3/0, (Pk of 2)
MMC3206
Male Main Contacts 320A, AWG 4/0, (Pk of 2)
Auxiliary Pilot & Auxiliary Contacts
AXP1000
160A Male Auxiliary Pilot & Auxiliary Contacts Kit
AXP1001
160A Female Auxiliary Pilot & Auxiliary Contacts Kit
AXP1002
320A Male Auxiliary Pilot & Auxiliary Contacts Kit
AXP1003
320A Female Auxiliary Pilot & Auxiliary Contacts Kit
Accessories
1
2
Accesory
Current Capability
CL
Contact Loader
160
160 A
MH
Male Housing
320
320A / 430A
FH
Female Housing
CV
Locking Collar
Example: CL160 (Contact Loader; 160 Amps)
Double Stack Connector Kits
Part Number
Description
DSCKITP
DSC Plug Kit
DSCKITS
DSC Socket Kit
NOTE: For proper assembly, DSC Kits must be purchased together with an
OSHA Plate
Coding Keys
Part Number
Description
CK1000
Coding Keys, (Pk of 12)
Tools
Part Number
Description
OSHA
OSHA Plate
E2CT1000
Lithium Crimper with Full Set of 6W-Dies
CCT1000
Hand Crimping Tool with Full Set of 6W-Dies



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com